Electronic Components Datasheet Search
  English  ▼

X  

MAX9867 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX9867
Description  Ultra-Low Power Stereo Audio Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9867 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX9867 Datasheet HTML 35Page - Maxim Integrated Products MAX9867 Datasheet HTML 36Page - Maxim Integrated Products MAX9867 Datasheet HTML 37Page - Maxim Integrated Products MAX9867 Datasheet HTML 38Page - Maxim Integrated Products MAX9867 Datasheet HTML 39Page - Maxim Integrated Products MAX9867 Datasheet HTML 40Page - Maxim Integrated Products MAX9867 Datasheet HTML 41Page - Maxim Integrated Products MAX9867 Datasheet HTML 42Page - Maxim Integrated Products MAX9867 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
Ultra-Low Power Stereo Audio Codec
______________________________________________________________________________________
39
BITS
FUNCTION
PALEN/PAREN
Left/Right Microphone Preamplifier Gain
Enables the microphone circuitry and sets the preamplifier gain.
00 = Disabled
01 = 0dB
10 = +20dB
11 = +30dB
Left/Right Microphone Programmable Gain Amplifier
SETTING
GAIN (dB)
SETTING
GAIN (dB)
0x00
+20
0x0B
+9
0x01
+19
0x0C
+8
0x02
+18
0x0D
+7
0x03
+17
0x0E
+6
0x04
+16
0x0F
+5
0x05
+15
0x10
+4
0x06
+14
0x11
+3
0x07
+13
0x12
+2
0x08
+12
0x13
+1
0x09
+10
PGAML/PGAMR
0x0A
+11
0x14
to 0x1F
0
MICLN
MICLP
MICBIAS
PGA
PGA
-
PREAMP
MICRN
ADC
L
MICRP
1.5V
0/20/30dB
0dB TO +20dB
0dB TO +20dB
VREG
VREG
0/20/30dB
PREAMP
MAX9867
ADC
R
Figure 5. Microphone Input Signal Path
Table 12. Microphone Input Register (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com