| Electronic Components Datasheet Search |
|
MAX9867 Datasheet(PDF) 49 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX9867 Datasheet(HTML) 49 Page - Maxim Integrated Products |
|
49 / 54 page ![]() Ultra-Low Power Stereo Audio Codec ______________________________________________________________________________________ 49 ACKNOWLEDGE FROM MAX9867 1 BYTE AUTOINCREMENT INTERNAL REGISTER ADDRESS POINTER ACKNOWLEDGE FROM MAX9867 A A AP 0 ACKNOWLEDGE FROM MAX9867 R/W S R/W REPEATED START Sr 1 SLAVE ADDRESS REGISTER ADDRESS SLAVE ADDRESS DATA BYTE Figure 15. Reading n Bytes of Data from the MAX9867 Applications Information Proper layout and grounding are essential for optimum performance. When designing a PCB for the MAX9867, partition the circuitry so that the analog sections of the MAX9867 are separated from the digital sections. This ensures that the analog audio traces are not routed near digital traces. Use a large continuous ground plane on a dedicated layer of the PCB to minimize loop areas. Connect AGND and DGND directly to the ground plane using the shortest trace length possible. Proper grounding improves audio performance, minimizes crosstalk between channels, and prevents any digital noise from coupling into the analog audio signals. Ground the bypass capacitors on MICBIAS, REG, PREG, and REF directly to the ground plane with mini- mum trace length. Also be sure to minimize the path length to AGND. Bypass AVDD directly to AGND. Connect all digital I/O termination to the ground plane with minimum path length to DGND. Bypass DVDD and DVDDIO directly to DGND. Route microphone signals from the microphone to the MAX9867 as a differential pair, ensuring that the posi- tive and negative signals follow the same path as close- ly as possible with equal trace length. When using single-ended microphones or other single-ended audio sources, ground the negative microphone input as near as possible to the audio source and then treat the posi- tive and negative traces as differential pairs. The MAX9867 TQFN package features an exposed thermal pad on its underside. Connect the exposed thermal pad to AGND. An evaluation kit (EV Kit) is available to provide an example layout for the MAX9867. The EV kit allows quick setup of the MAX9867 and includes easy-to-use software, allowing all internal registers to be controlled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |