Electronic Components Datasheet Search
  English  ▼

X  

SC441A Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC441A
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441A Datasheet(HTML) 5 Page - Semtech Corporation

  SC441A Datasheet HTML 1Page - Semtech Corporation SC441A Datasheet HTML 2Page - Semtech Corporation SC441A Datasheet HTML 3Page - Semtech Corporation SC441A Datasheet HTML 4Page - Semtech Corporation SC441A Datasheet HTML 5Page - Semtech Corporation SC441A Datasheet HTML 6Page - Semtech Corporation SC441A Datasheet HTML 7Page - Semtech Corporation SC441A Datasheet HTML 8Page - Semtech Corporation SC441A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SC441A
5
© 2009 Semtech Corporation
www.semtech.com
Typical Characteristics
149.7
149.8
149.9
150.0
150.1
150.2
150.3
150.4
150.5
150.6
150.7
-40
25
105
2.360
2.365
2.370
2.375
2.380
2.385
2.390
2.395
2.400
2.405
2.410
-40
25
105
0.75
0.77
0.79
0.81
0.83
0.85
0.87
0.89
0.91
0.93
-40
25
105
135
140
145
150
155
160
165
170
175
-40
25
105
Temperature (oC)
UVLO Threshold vs. Temperature
Temperature (oC)
UVLO Hysteresis vs. Temperature
VIN Quiescent Supply Current
vs. Temperature
Temperature (oC)
Temperature (oC)
COMP SINK / SOURCE Current
vs. Temperature
Temperature (oC)
SS SINK / SOURCE Current
vs. Temperature
SW Saturation Voltage at A
vs. Temperature
Temperature (oC)
VOUT Pull Down Current Source
vs. Temperature
Temperature (oC)
Temperature (oC)
VIN = 4.5V
VIN = 21V
VOUT = VIN + 3V
LED Current Source SCP Threshold
vs. Temperature
Average LED Current Source Setting
vs. Temperature
VIN = 12V
R
IOSET = 1.78kW
VIN = 12V
Temperature (oC)
4.29
4.30
4.31
4.32
4.33
4.34
4.35
4.36
-40
25
105
237
238
239
240
241
242
243
244
245
246
247
-40
25
105
2.50
2.60
2.70
2.80
2.90
3.00
3.10
3.20
-40
25
105
VIN = 4.5V
VIN = 21V
VIN = 12V
SSSINK/SOURCE
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-40
25
105
SOURCE
SINK
VIN = 12V
4.00
4.50
5.00
5.50
6.00
6.50
7.00
7.50
-40
25
105
CompSINKSOURCE
SOURCE
SINK
SOURCE
SINK
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com