Electronic Components Datasheet Search
  English  ▼

X  

SC441A Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC441A
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441A Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC441A Datasheet HTML 2Page - Semtech Corporation SC441A Datasheet HTML 3Page - Semtech Corporation SC441A Datasheet HTML 4Page - Semtech Corporation SC441A Datasheet HTML 5Page - Semtech Corporation SC441A Datasheet HTML 6Page - Semtech Corporation SC441A Datasheet HTML 7Page - Semtech Corporation SC441A Datasheet HTML 8Page - Semtech Corporation SC441A Datasheet HTML 9Page - Semtech Corporation SC441A Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SC441A
6
© 2009 Semtech Corporation
www.semtech.com
Typical Characteristics (continued)
120
140
160
180
200
220
240
260
-40
25
105
40
45
50
55
60
65
70
75
-40
25
105
0
100
200
300
400
500
600
700
800
900
10
20
40
60
80
100
120
140
160
Temperature (oC)
OVPIN Threshold Voltage
vs. Temperature
Temperature (oC)
Temperature (oC)
I
OVPRTN = 100uA
LED Current (mA)
LED Current Source Saturation Voltage
vs. LED Current
T
A = 25
o
C
OVPRTN Saturation Voltage
vs. Temperature
FFLAG Saturation Voltage
vs. Temperature
I
FFLAG = 2mA
80
82
84
86
88
90
92
94
80
160
240
320
400
480
560
600
Efficiency ( P
BOOST_OUTPUT / PINPUT)
VIN = 12V
VIN = 5V
VIN = 21V
Boost Section Output Current (mA)
Condition: VOUT = 36V
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
0.2
0.5
1
2
5
10
20
30
40
50
PWM Dimming Minimum Pulse Width
vs. PWM Dimming Frequency
PWM Dimming Frequency (kHz)
Condition: VIN = 2V, VOUT = 30V / 20mA x 4 strings
PWM Dimming Minimum Pulse Width
vs. PWM Dimming Frequency
PWM Dimming Frequency (kHz)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.5
1
2
5
10
20
30
40
50
Condition: VIN = 2V, VOUT = 30V / 50mA x 4 strings
PWM Dimming Minimum Duty Cycle
vs. PWM Dimming Frequency
PWM Dimming Frequency (kHz)
Condition: VIN = 2V, VOUT = 30V / 20mA x 4 strings
0
2
4
6
8
10
12
14
16
18
20
22
0.2
0.5
1
2
5
10
20
30
40
50
PWM Dimming Minimum Duty Cycle
vs. PWM Dimming Frequency
PWM Dimming Frequency (kHz)
Condition: VIN = 2V, VOUT = 30V / 50mA x 4 strings
0
2
4
6
8
10
12
14
0.5
1
2
5
10
20
30
40
50
OVPIN
1.46
1.48
1.50
1.52
1.54
1.56
1.58
-40
25
105
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com