Electronic Components Datasheet Search
  English  ▼

X  

SC441A Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC441A
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441A Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC441A Datasheet HTML 10Page - Semtech Corporation SC441A Datasheet HTML 11Page - Semtech Corporation SC441A Datasheet HTML 12Page - Semtech Corporation SC441A Datasheet HTML 13Page - Semtech Corporation SC441A Datasheet HTML 14Page - Semtech Corporation SC441A Datasheet HTML 15Page - Semtech Corporation SC441A Datasheet HTML 16Page - Semtech Corporation SC441A Datasheet HTML 17Page - Semtech Corporation SC441A Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SC441A
4
© 2009 Semtech Corporation
www.semtech.com
Applications Information (continued)
tap connected to OVPIN.
Note: If this disconnect function is not desired, bypass
the OVPRTN pin and connect the end of the OVP resistor
divider directly to GND. The OVPIN pin is sensitive to
noise, and a proper decoupling capacitor (nF ~ 0nF) is
required. The combined impedance of the resistor divider
for OVPIN should be greater than 200kΩ.
LED Short-Circuit Protection
If one or more LEDs are detected as short-circuit, that
string will be latched off. Voltage is monitored if it exceeds
2.35V on the internal LED current source (IO pins). (The IO
voltage on an abnormal LED string will rise earlier than
other normal LED strings). If the voltage exceeds 2.35V
on any IO pin, the IO current source will latch off and the
FFLAG will go high. The latch is reset if VIN falls below
UVLO or it will recycle the EN signal. Other LED strings
operate normally.
If all IO pin voltages reach .07V then the internal main
switch will be off until any of the IO voltages is lower than
970mV.
LED Open-Circuit Protection
If any LED string is detected as an open-circuit, that
string will latch off. If any given string is open, the IO
current source will go to deep saturation; the COMP and
FFLAG pins will be driven high and the boost converter
duty cycle will increase causing VOUT to rise. At some
point VOUT will rise high enough to cause all the IO pin
voltages of the intact strings to reach the shorted LED
detection level and latch off those strings. Because of the
LED open string VOUT will continue to rise until it reaches
the programmed OVP level.
When OVP is reached, the voltage on the IO pins are
monitored and if any IO voltage is less than 0.2V that
string will be identified as open and will latch off.
Only when VIN falls below UVLO, or an EN signal is re-
cycled, and if thermal shutdown occurs, can this latch be
reset. A hiccup cycle is then initiated and the SS pin is
discharged slowly with a µA current source and a 0.9mA
discharge path (turned on to pull down VOUT). When SS
falls below 0.5V and VOUT falls below to VIN, the shorted
LED detection latches are reset and a new soft-start se-
quence is initiated to resume normal operation.
Thermal Shutdown (TSD)
If the thermal shutdown temperature of 50°C is reached,
a hiccup sequence is initiated where the boost converter
and all IO current sources are turned off. SS is discharged
by a µA current source, and a 0.9mA discharge path is
turned on to pull down VOUT. As temperature falls below
the TSD trip point, SC44A will retry when SS falls below
0.5V and VOUT falls to VIN.
PWM Dimming
ThePWMinputneedstobeheldhighfornormaloperation.
PWM dimming can be done by cycling the PWM input at a
given frequency where a“low”on the PWM input turns off
all IO current sources and a “high” turns on all IO current
sources. The short and open detection latches are blanked
for approximately 2µs as the PWM input transitions from
low-to-high to prevent a false fault detection during PWM
dimming.
The PWM pin can be toggled by external circuitry to allow
PWM dimming. In a typical application, a microcontroller
sets a register – or counter, that varies the pulse-width
on a GPIO pin. The SC44A allows dimming over two
decades in frequency (50Hz–50kHz), in order to allow
compatibility with a wide range of devices, including the
newest dimming strategies that avoid the audio band
by using high frequency PWM dimming. In this manner,
a wide range of illumination can be generated while
keeping the instantaneous LED current at its peak value
for luminescent efficiency and color purity. Furthermore,
advanced lighting effects such as backlight dim-on can be
implemented as the SC44A can resolve 0µs (minimum),
PWM dimming pulse-width.
As far as the maximum PWM dimming pulse-width, it
depends on the PWM dimming frequency. Clearly, it is
trivial to get 00% LED brightness by pulling PWM pin
“High” constantly. When the user tries to dim the LED
brightness using PWM signal from 00% down, he or she
needs to observe the following. When the PWM dimming
signal is actively switching from “High” to “Low” and to
“High”, there is a minimal OFF time (T_off_min, 200ns,
guaranteed by design) requirement of the PWM dimming
signal with this IC.
Such minimal OFF time sets the
maximum PWM duty ratio before hitting to 00% in the
following way.
For example, if the PWM dimming frequency f_
PWM=200Hz, the D_max=99.996%. If f_PWM=25kHz, the
D_max=99.5%. With most practical dimming interfaces,
PWM
off
f
T
D
min
_
max
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com