| Electronic Components Datasheet Search |
|
SX1213 Datasheet(PDF) 39 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SX1213 Datasheet(HTML) 39 Page - Semtech Corporation |
|
39 / 65 page ![]() SX1213 ADVANCED COMMUNICATIONS & SENSING Rev.2 – July 1 st, 2009 Page 39 of 65 www.semtech.com 5.4. Buffered Mode 5.4.1. General Description As illustrated in Figure 30, for Buffered mode operation the NRZ data from the demodulator is not directly accessed by the uC but stored in the FIFO and accessed via the SPI Data interface. This frees the uC for other tasks between processing data from the SX1213, furthermore it simplifies software development and reduces uC performance requirements (speed, reactivity). Note that in this mode the packet handler stays inactive. An important feature is also the ability to empty the FIFO in Stby mode, ensuring low power consumption and adding greater software flexibility. CONTROL FIFO (+SR) DATA CONFIG SPI SYNC RECOG. IRQ_0 IRQ_1 MISO MOSI SCK NSS_DATA NSS_CONFIG Rx Datapath SX1213 Data Figure 30: Buffered Mode Conceptual View Note that Bit Synchronizer is automatically enabled in Buffered mode. The Sync word recognition must be enabled (RXParam_Sync_on=1) independently of the FIFO filling method selected (IRQParam_Fifo_fill_method). 5.4.2. Rx Processing After entering Rx in Buffered mode, the chip requires the uC to retrieve the received data from the FIFO. The FIFO will actually start being filled with received bytes either; when a Sync word has been detected (in this case only the bytes following the Sync word are filled into the FIFO) or when the Fifo_fill bit is asserted by the user - depending on the state of bit, IRQParam_Fifo_fill_method. In Buffered mode, the packet length is not limited i.e. as long as Fifo_fill is set, the received bytes are shifted into the FIFO. The uC software must therefore manage the transfer of the FIFO contents by interrupt and ensure reception of the correct number of bytes. (In this mode, even if the remote transmitter has stopped, the demodulator will output random bits from noise) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |