Electronic Components Datasheet Search
  English  ▼

X  

SX1213 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SX1213
Description  Ultra-Low Power Integrated UHF Receiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1213 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SX1213 Datasheet HTML 17Page - Semtech Corporation SX1213 Datasheet HTML 18Page - Semtech Corporation SX1213 Datasheet HTML 19Page - Semtech Corporation SX1213 Datasheet HTML 20Page - Semtech Corporation SX1213 Datasheet HTML 21Page - Semtech Corporation SX1213 Datasheet HTML 22Page - Semtech Corporation SX1213 Datasheet HTML 23Page - Semtech Corporation SX1213 Datasheet HTML 24Page - Semtech Corporation SX1213 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
SX1213
ADVANCE
Rev.2 – July 1
st, 2009
Page 21 of 65
www.semtech.com
D COMMUNICATIONS & SENSING
Butterworth Filter's BW, FSK
50
100
150
200
250
300
350
400
450
0
02
46
8
10
12
14
16
Val (RXParam_ButterFilt) [d]
Actual
BW
Theoretical
BW
Figure 12: Butterworth Filter's Actual BW
Error! Reference source not found.
suggests filter settings in FSK mode, along with the corresponding passive
filter bandwidth and the accepted tolerance on the crystal reference.
3.3.6. Channel Filters Setting in OOK Mode
The center frequency, fo, is always set to 100kHz. The following chart shows the receiver bandwidth when
changing RXParam_Butterfilt bits, whilst the polyphase filter is activated.
Polyphase Filter's BW, OOK
200
250
300
350
400
450
0
50
100
150
02
46
8
10
12
14
16
Val (RXParam_ButterFilt [d]
RXParam_PolypFilt="0011"
Actual
BW
Theoretical
BW
Figure 13: Polyphase Filter's Actual BW
Error! Reference source not found.
suggests a few filter settings in OOK mode, along with the corresponding
passive filter bandwidth and the accepted tolerance on the crystal reference.
3.3.7. RSSI
After filtering, the In-phase and Quadrature signals are amplified by a chain of 11 amplifiers, each with 6dB gain.
The outputs of these amplifiers are used to evaluate the Received Signal Strength (RSSI).
3.3.7.1. Resolution and Accuracy
Whilst the RSSI resolution is 0.5 dB, the absolute accuracy is not expected to be better than +/- 3dB due to process
and external component variation. Higher accuracy whilst performing absolute RSSI measurements will require
additional calibration.
3.3.7.2. Acquisition Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com