Electronic Components Datasheet Search
  English  ▼

X  

CS485XX Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS485XX
Description  32-bit Audio Decoder DSP Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS485XX Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS485XX Datasheet HTML 5Page - Cirrus Logic CS485XX Datasheet HTML 6Page - Cirrus Logic CS485XX Datasheet HTML 7Page - Cirrus Logic CS485XX Datasheet HTML 8Page - Cirrus Logic CS485XX Datasheet HTML 9Page - Cirrus Logic CS485XX Datasheet HTML 10Page - Cirrus Logic CS485XX Datasheet HTML 11Page - Cirrus Logic CS485XX Datasheet HTML 12Page - Cirrus Logic CS485XX Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
CS485xx Family Data Sheet
32-bit Audio Decoder DSP Family
DS734F3
Copyright 2009 Cirrus Logic, Inc.
9
CONFIDENTIAL
4.2.5 PLL-based Clock Generator
The low-jitter PLL generates integer or fractional multiples of a reference frequency which are used
to clock the DSP core and peripherals. Through a second PLL divider chain, a dependent clock
domain can be output on the DAO port for driving audio converters. The CS485xx defaults to running
from the external reference frequency and is switched to use the PLL output after overlays have
been loaded and configured, either through master boot from an external FLASH or through host
control. A built-in crystal oscillator circuit with a buffered output is provided. The buffered output
frequency ratio is selectable between 1:1 (default) or 2:1.
4.2.6 Hardware Watchdog Timer
The CS485xx has an integrated watchdog timer that acts as a “health” monitor for the DSP. The
watchdog timer must be reset by the DSP before the counter expires, or the entire chip is reset. This
peripheral ensures that the CS485xx will reset itself in the event of a temporary system failure. In
stand-alone mode (that is, no host MCU), the DSP will reboot from external FLASH. In slave mode
(that is, host MCU present) a GPIO will be used to signal the host that the watchdog has expired and
the DSP should be rebooted and re-configured.
4.3 DSP I/O Description
4.3.1 Multiplexed Pins
Many of the CS485xx family pins are multi-functional. For details on pin functionality please refer to
the CS485xx Hardware User’s Manual.
4.3.2 Termination Requirements
Open-drain pins on the CS485xx must be pulled high for proper operation. Please refer to the
CS485xx Hardware User’s Manual to identify which pins are open-drain and what value of pull-up
resistor is required for proper operation.
Mode select pins in the CS485xx family are used to select the boot mode upon the rising edge from
reset. A detailed explanation of termination requirements for each communication mode select pin
can be found in the CS485xx Hardware User’s Manual.
4.3.3 Pads
The CS485xx I/Os operate from the 3.3 V supply and are 5 V tolerant.
4.4 Application Code Security
The external program code may be encrypted by the programmer to protect any intellectual property
it may contain. A secret, customer-specific key is used to encrypt the program code that is to be
stored external to the device. Please contact your local Cirrus representative for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com