Electronic Components Datasheet Search
  English  ▼

X  

CS485XX Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS485XX
Description  32-bit Audio Decoder DSP Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS485XX Datasheet(HTML) 1 Page - Cirrus Logic

  CS485XX Datasheet HTML 1Page - Cirrus Logic CS485XX Datasheet HTML 2Page - Cirrus Logic CS485XX Datasheet HTML 3Page - Cirrus Logic CS485XX Datasheet HTML 4Page - Cirrus Logic CS485XX Datasheet HTML 5Page - Cirrus Logic CS485XX Datasheet HTML 6Page - Cirrus Logic CS485XX Datasheet HTML 7Page - Cirrus Logic CS485XX Datasheet HTML 8Page - Cirrus Logic CS485XX Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Copyright 2009 Cirrus Logic, Inc.
FEB ’09
CONFIDENTIAL
DS734F3
http://www.cirrus.com
CS485xx Family Data Sheet
FEATURES
Cost-effective, High-performance 32-bit DSP
— 300,000,000 MAC/S (multiply accumulates per second)
— Dual MAC cycles per clock
— 72-bit accumulators are the most accurate in the industry
— 24k x 32 SRAM, 2k blocks - assignable to data or program
— Internal ROM contains a variety of configurable sound
enhancement feature sets
— 8-channel internal DMA
— Internal watch-dog DSP lock-up prevention
DSP Tool Set w/ Private Keys for Protecting Customer IP
Configurable Serial Audio Inputs/Outputs
— Configurable for all input/output types
— Maximum 32-bit @ 192 kHz
— Supports 32-bit audio sample I/O between DSP chips
— TDM input modes (multiple channels on same line)
— 192 kHz SPDIF transmitter
— Multi-channel DSD direct stream digital SACD input
Supports Two Different Input Fs Sample Rates
— Output can be master or slave
— Dual processing path capability
— Input supports dual domain slave clocking
— Hardware assist time sampling for sample rate conversion
Integrated Clock Manager/PLL
— Can operate from external crystal, external oscillator
Input Fs Auto Detection
Host & Boot via Serial Interface
Configurable GPIOs and External Interrupt Input
1.8V Core and a 3.3V I/O that is tolerant to 5V input
Low-power Mode
— “Energy Star® Ready” in low-power mode, 268 µW in standby
32-bit
DSP
D
M
A
P
X
Y
Serial
Control 1
12 Ch PCM
Audio Out
GPIO
Debug
Watchdog
TMR1
TMR2
PLL
S/PDIF
12 Ch. Audio In /
6 Ch. SACD In
Differentiating from the legacy Cirrus multi-standard, multi-
channel decoders, this new CS485xx family is still based on
the same high-performance 32-bit fixed point Digital Signal
Processor core but instead is equipped with much less
memory, tailoring it for more cost-effective applications
associated with multi-channel and virtual-channel sound
enhancements. Target applications are:
— Digital Televisions
— Multimedia Peripherals
—iPod® Docking Stations
— Automotive Head Units
— Automotive Outboard Amplifiers
— HD-DVD & Blu-ray Disc DVD Receivers
— PC Speakers
There are are also a wide variety of licensable DSP codes
available today as seen by the following examples:
Cirrus also has developed, or is developing their own royalty-
free versions of popular features sets like Cirrus Bass
Manager, Cirrus Dynamic Volume Leveler, Cirrus Original
Multichannel Surround, Cirrus Virtual Speaker & Cirrus 3D-
Audio.
The CS485xx family
is
programmed using the Cirrus
proprietary
DSP
Composer™
GUI
development
tool.
Processing chains may be designed using a drag-and-drop
interface
to
place/utilize
functional
macro
audio
DSP
primitives. The end result is a software image that is down-
loaded to the DSP via serial host or serial boot modes.
Ordering Information:
See page 20 for ordering information
®


Similar Part No. - CS485XX

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS48500 CIRRUS-CS48500 Datasheet
319Kb / 28P
Cost-effective, High-performance 32-bit DSP
CS4852 CIRRUS-CS4852 Datasheet
369Kb / 23P
Cost-effective, High-performance 32-bit DSP
CS48520 CIRRUS-CS48520 Datasheet
369Kb / 23P
Cost-effective, High-performance 32-bit DSP
CS48520-CQZ CIRRUS-CS48520-CQZ Datasheet
369Kb / 23P
Cost-effective, High-performance 32-bit DSP
CS48540-CQZ CIRRUS-CS48540-CQZ Datasheet
369Kb / 23P
Cost-effective, High-performance 32-bit DSP
More results

Similar Description - CS485XX

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
32-bit Audio DSP Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
32-bit Audio Decoder DSP Family
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
32-bit High Definition Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
32-bit Audio Decoder DSP Family
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
32-bit Dual Audio DSP Engine
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS497014 CIRRUS-CS497014 Datasheet
871Kb / 31P
High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com