Electronic Components Datasheet Search
  English  ▼

X  

CS485XX Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS485XX
Description  32-bit Audio Decoder DSP Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS485XX Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS485XX Datasheet HTML 11Page - Cirrus Logic CS485XX Datasheet HTML 12Page - Cirrus Logic CS485XX Datasheet HTML 13Page - Cirrus Logic CS485XX Datasheet HTML 14Page - Cirrus Logic CS485XX Datasheet HTML 15Page - Cirrus Logic CS485XX Datasheet HTML 16Page - Cirrus Logic CS485XX Datasheet HTML 17Page - Cirrus Logic CS485XX Datasheet HTML 18Page - Cirrus Logic CS485XX Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
CS485xx Family Data Sheet
32-bit Audio Decoder DSP Family
DS734F3
Copyright 2009 Cirrus Logic, Inc.
15
CONFIDENTIAL
Figure 4. Serial Control Port - SPI Master Mode Timing
5.11 Switching Characteristics — Serial Control Port - I2C Slave Mode
Parameter
Symbol
Min
Typical
Max
Units
SCP_CLK frequency1
1. The specification fiicck indicates the maximum speed of the hardware. The system designer should be aware that the actual
maximum speed of the communication port may be limited by the firmware application. Flow control using the SCP_BSY# pin
should be implemented to prevent overflow of the input data buffer.
fiicck
-
400
kHz
SCP_CLK low time
tiicckl
1.25
-
µs
SCP_CLK high time
tiicckh
1.25
-
µs
SCP_SCK rising to SCP_SDA rising or falling for
START or STOP condition
tiicckcmd
1.25
µs
START condition to SCP_CLK falling
tiicstscl
1.25
-
µs
SCP_CLK falling to STOP condition
tiicstp
2.5
-
µs
Bus free time between STOP and START conditions
tiicbft
3-
µs
Setup time SCP_SDA input valid to SCP_CLK rising
tiicsu
100
ns
Hold time SCP_SDA input after SCP_CLK falling
tiich
20
-
ns
SCP_CLK low to SCP_SDA out valid
tiicdov
-18
ns
SCP_CLK falling to SCP_IRQ# rising
tiicirqh
-3*DCLKP + 40
ns
NAK condition to SCP_IRQ# low
tiicirql
3*DCLKP + 20
ns
SCP_CLK rising to SCB_BSY# low
tiicbsyl
-3*DCLKP + 20
ns
EE_CS#
SCP_CLK
SCP_MISO
SCP_MOSI
0
12
67
0
56
7
tspicss
tspickl
tspickh
tspidsu
tspidh
tspidov
A6
A5
A0
R/W
MSB
LSB
MSB
LSB
tspicsh
tspicsx
fspisck
tspidz
tspicsl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com