Electronic Components Datasheet Search
  English  ▼

X  

4285A Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # 4285A
Description  Precision LCR Meter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4285A Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button 4285A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 9Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 10Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 11Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 12Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 13Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 14Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 15Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Furnished Accessories
Power cord
Depends on the country
where the 4285A is being
used
100
Ω resistor box
Agilent P/N 04285-61001
BNC female-female
Agilent P/N 1250-0080 (4 ea.)
Adapter
Fuse
Only for Option 4285A-201
Agilent P/N 2110-0046
(2 ea.)
Accessories Available
Test fixture/test leads
16034E
Test fixture for SMD or chip type
DUT, f
≤ 40 MHz
Power Requirements
Line voltage
100, 120, 220 Vac ±10%, 240 Vac +5% –10%
Line frequency
47 to 66 Hz
Power consumption
200 VA max.
Operating Environment
Temperature
0 °C to 55 °C
Humidity
≤ 95% R.H. at 40 °C
Dimensions
426 (W) by 177 (H) by 498 (D) (mm)
Weight
Approximately 16 kg (35.3 lb., standard)
Display
LCD dot-matrix display
Capable of displaying
Measured values
Control settings
Comparator limits and decisions
List sweep tables
Self test message and annunciations
Number of display digits
6-digits, maximum display count 999999
16047A
Test fixture for axial or radial
DUT, f
≤ 13 MHz
16047D
Test fixture for axial or radial
DUT, f
≤ 40 MHz
16048A
Test leads, length 1 m (BNC
connector)
16048D
Test leads, length 2 m (BNC
connector)
16048G
Test fixture for SMD or chip type
16048H
Test fixture for array-type SMD or
GPIB interconnection cables
10833A
GPIB cable, 1 m
10833B
GPIB cable, 2 m
10833C
GPIB cable, 4 m
10833D
GPIB cable, 0.5 m
16044A
Four-terminal test fixture for
SMD or chip type DUT, f
≤ 10 MHz
16065A
External voltage bias fixture
16334A
Tweezer-type test fixture for SMD
or chip type DUT, f
≤ 15 MHz
16451B
Dielectric test fixture
42842C
Bias current test fixture
42851-61100
SMD test fixture
(Option 42842C-201)
DC bias source
42841A
Bias current source
Memory card
04278-89001
Memory card, 1 ea.
DUT, f
≤ 110 MHz
chip type DUT, f
≤ 110 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com