Electronic Components Datasheet Search
  English  ▼

X  

4285A Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # 4285A
Description  Precision LCR Meter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4285A Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  4285A Datasheet HTML 1Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 2Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 4285A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Then, voltage level monitor accuracy Vma is
Display Range
Parameter
Range
|Z|, R, X
0.00001
Ω to 99.9999 MΩ
|Y|, G, B
0.00001 µS to 99.9999 S
C
0.00001 pF to 999.999 µF
L
0.001 nH to 99.9999 H
D
0.000001 to 9.99999
Q
0.01 to 99999.9
θ
-180.000° to 180.000°
Δ
-999.999% to 999.999%
Measurement Accuracy
The measurement accuracy includes stability, tem-
perature coefficient, linearity, repeatability, and
calibration interpolation error. The measurement
accuracy is specified when all of the following con-
ditions are satisfied:
• Warm-up time:
≥ 30 minutes
• Test cable length: 0 m, 1 m (Agilent 16048A), or
2 m (Agilent 16048D). For the 1 m or 2 m cable
length operation (with Agilent 16048A/D),
CABLE CORRECTION has been performed
• OPEN and SHORT corrections have been per-
formed.
• The optimum measurement range is selected by
matching the DUT’s impedance to the effective
measuring range shown in Figure 1-1 and Figure
1-2. (For example, if the DUT’s impedance is
3 k
Ω and oscillator level is less than or equal to
1 V, the optimum range is the 500
Ω range.)
• Measurement accuracy is specified at the follow-
ing reference planes:
• Test frequency
≤ 1 MHz
At the UNKNOWN terminals on the Agilent
4285A front panel or at the end of the stan-
dard test leads (Agilent 16048A/D).
• Test frequency
≥ 1.001 MHz
At the 1-port terminal of the Agilent 16085B
Terminal Adapter, which should be connected
to the UNKNOWN terminals of the Agilent
4285A or to the end of the standard test leads
(Agilent 16048A/D).
ΔVma
= 0.024 [V]
+
+ 0.5
1
1
4 + 0.2
1
1
0.2
0.2
100
100
100
Vma
0.024
0.5
≈ 4.8 [%]
= 0.5
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com