Electronic Components Datasheet Search
  English  ▼

X  

AD7191 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7191
Description  Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7191 Datasheet(HTML) 4 Page - Analog Devices

  AD7191 Datasheet HTML 1Page - Analog Devices AD7191 Datasheet HTML 2Page - Analog Devices AD7191 Datasheet HTML 3Page - Analog Devices AD7191 Datasheet HTML 4Page - Analog Devices AD7191 Datasheet HTML 5Page - Analog Devices AD7191 Datasheet HTML 6Page - Analog Devices AD7191 Datasheet HTML 7Page - Analog Devices AD7191 Datasheet HTML 8Page - Analog Devices AD7191 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7191
Rev. A | Page 4 of 20
Parameter1
AD7191B
Unit
Test Conditions/Comments
Analog Input Current
Input Current2
±2
nA max
Gain = 1
±3
nA max
Gain > 1
Input Current Drift
±5
pA/°C typ
REFERENCE INPUT
REFIN Voltage
AVDD
V nom
REFIN = REFIN(+)
− REFIN(−).
Reference Voltage Range2
1
V min
AVDD
V max
The differential input must be limited to
±(AVDD − 1.25 V)/gain when gain > 1.
Absolute REFIN Voltage Limits2
AGND – 50 mV
V min
AVDD + 50 mV
V max
Average Reference Input Current
4.5
μA/V typ
Average Reference Input Current
Drift
±0.03
nA/V/°C typ
External clock.
±1.3
nA/V/°C typ
Internal clock.
Normal-Mode Rejection2
Same as for analog
inputs
Common-Mode Rejection
100
dB typ
TEMPERATURE SENSOR
Accuracy
+2
°C typ
Applies after user calibration at one temperature.
Sensitivity
2815
Codes/°C typ
BRIDGE POWER-DOWN SWITCH
RON
10
Ω max
Allowable Current2
30
mA max
Continuous current.
INTERNAL/EXTERNAL CLOCK
Internal Clock
Frequency
4.92 + 4%
MHz min/MHz max
Duty Cycle
50:50
% typ
External Clock/Crystal
Frequency
4.9152
MHz nom
2.4576/5.12
MHz min/MHz max
Input Low Voltage, VINL
0.8
V max
DVDD = 5 V.
0.4
V max
DVDD = 3 V.
Input High Voltage, VINH
2.5
V min
DVDD = 3 V.
3.5
V min
DVDD = 5 V.
Input Current
±10
μA max
MCLKIN = DVDD or DGND.
LOGIC INPUTS
Input High Voltage, VINH2
2
V min
Input Low Voltage, VINL2
0.8
V max
Hysteresis2
0.1/0.25
V min/V max
Input Currents
±10
μA max
VIN = DVDD or DGND.
LOGIC OUTPUT (DOUT/RDY)
Output High Voltage, VOH 2
DVDD
− 0.6
V min
DVDD = 3 V, ISOURCE = 100 μA.
Output Low Voltage, VOL2
0.4
V max
DVDD = 3 V, ISINK = 100 μA.
Output High Voltage, VOH2
4
V min
DVDD = 5 V, ISOURCE = 200 μA.
Output Low Voltage, VOL2
0.4
V max
DVDD = 5 V, ISINK = 1.6 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com