Electronic Components Datasheet Search
  English  ▼

X  

AD7985 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7985
Description  16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7985 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7985 Datasheet HTML 10Page - Analog Devices AD7985 Datasheet HTML 11Page - Analog Devices AD7985 Datasheet HTML 12Page - Analog Devices AD7985 Datasheet HTML 13Page - Analog Devices AD7985 Datasheet HTML 14Page - Analog Devices AD7985 Datasheet HTML 15Page - Analog Devices AD7985 Datasheet HTML 16Page - Analog Devices AD7985 Datasheet HTML 17Page - Analog Devices AD7985 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7985
Rev. 0 | Page 14 of 28
Transfer Functions
The ideal transfer characteristic for the AD7985 is shown in
Figure 22 and Table 7.
000 ... 000
000 ... 001
000 ... 010
ANALOG INPUT
+FSR – 1.5 LSB
+FSR – 1 LSB
–FSR + 1 LSB
–FSR
–FSR + 0.5 LSB
111 ... 101
111 ... 110
111 ... 111
Figure 22. ADC Ideal Transfer Function
Table 7. Output Codes and Ideal Input Voltages
Description
Analog Input,
VREF = 4.096 V
Digital Output
Code (Hex)
FSR – 1 LSB
4.095938 V
0xFFFF1
Midscale + 1 LSB
2.048063 V
0x8001
Midscale
2.048 V
0x8000
Midscale – 1 LSB
2.047938 V
0x7FFF
–FSR + 1 LSB
62.5 μV
0x0001
–FSR
0 V
0x00002
1 This is also the code for an overranged analog input (VIN+ − VIN− above VREF −
REFGND).
2 This is also the code for an underranged analog input (VIN+ − VIN− below REFGND).
TYPICAL CONNECTION DIAGRAM
Figure 23 shows an example of the recommended connection
diagram for the AD7985 when multiple supplies are available.
NOTES
1. GND REFERS TO REFGND, AGND, AND DGND.
AD7985
GND
REF
AVDD,
DVDD
VIO
BVDD
5V
2.5V
1.8V
TO
2.7V
VIO
SDI
SCK
SDO
CNV
3- OR 4-WIRE
INTERFACE:
SPI, CS,
DAISY CHAIN
(TURBO = LOW)
TURBO
10µF
IN+
IN–
2.7nF
15Ω
V–
0V TO VREF
V+
Figure 23. Typical Application Diagram with Multiple Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com