Electronic Components Datasheet Search
  English  ▼

X  

ADL5331 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5331
Description  1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5331 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5331 Datasheet HTML 2Page - Analog Devices ADL5331 Datasheet HTML 3Page - Analog Devices ADL5331 Datasheet HTML 4Page - Analog Devices ADL5331 Datasheet HTML 5Page - Analog Devices ADL5331 Datasheet HTML 6Page - Analog Devices ADL5331 Datasheet HTML 7Page - Analog Devices ADL5331 Datasheet HTML 8Page - Analog Devices ADL5331 Datasheet HTML 9Page - Analog Devices ADL5331 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADL5331
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
18
17
16
15
1
2
3
14
13
VPS2
COM2
OPLO
OPHI
COM2
VPS2
4
5
6
VPS1
COM1
INLO
INHI
COM1
VPS1
ADL5331
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. CONNECT THE EXPOSED PAD
TO COM1 AND COM2.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 6
VPS1
Positive Supply. Nominally equal to 5 V.
2, 5
COM1
Common for the Input Stage.
3, 4
INHI, INLO
Differential Inputs, AC-Coupled.
7
NC
No Connect.
8
IPBS
Input Bias. Normally ac-coupled to VPS1. A 10 nF capacitor is recommended.
9
OPBS
Output Bias. Internally compensated, do not connect externally.
10 to 12, 14, 17
COM2
Common for the Output Stage.
13, 18 to 22
VPS2
Positive Supply. Nominally equal to 5 V.
15, 16
OPLO, OPHI
Differential Outputs. Bias to VPOS with RF chokes.
23
ENBL
Device Enable. Apply logic high for normal operation.
24
GAIN
Gain Control Voltage Input. Nominal range is 0 V to 1.4 V.
25 (EPAD)
EP (EPAD)
Exposed Paddle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com