Electronic Components Datasheet Search
  English  ▼

X  

ADL5331 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5331
Description  1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5331 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5331 Datasheet HTML 7Page - Analog Devices ADL5331 Datasheet HTML 8Page - Analog Devices ADL5331 Datasheet HTML 9Page - Analog Devices ADL5331 Datasheet HTML 10Page - Analog Devices ADL5331 Datasheet HTML 11Page - Analog Devices ADL5331 Datasheet HTML 12Page - Analog Devices ADL5331 Datasheet HTML 13Page - Analog Devices ADL5331 Datasheet HTML 14Page - Analog Devices ADL5331 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADL5331
Rev. 0 | Page 11 of 16
10nF
10nF
INHI
INLO
RFOUT
RFIN
10nF
10nF
OPHI
OPLO
ADL5331
RF VGA
120nH
120nH
5V
ETC1-1-13
Figure 17. Single-Ended Drive with Balanced Output
The device can be driven single-ended with similar perfor-
mance, as shown in Figure 17. The single-ended input interface
can be implemented by driving one of the input terminals and
terminating the unused input to ground. To achieve the optimal
performance, the output must remain balanced. In the case of
Figure 17, a transformer balun is used at the output.
GAIN CONTROL INPUT
When the VGA is enabled, the voltage applied to the GAIN pin
sets the gain. The input impedance of the GAIN pin is 1 MΩ.
The gain control voltage range is between 0.1 V and 1.4 V,
which corresponds to a typical gain range between −15 dB and
+15 dB.
The 1 dB input compression point remains constant at 3 dBm
through the majority of the gain control range, as shown in
Figure 7 through Figure 9. The output compression point
increases decibel for decibel with increasing gain setting. The
noise floor is constant up to VGAIN = 1 V where it begins to rise.
The bandwidth on the gain control pin is approximately 3 MHz.
Figure 10 shows the response time of a pulse on the VGAIN pin.
Although the ADL5331 provides accurate gain control, precise
regulation of output power can be achieved with an automatic
gain control (AGC) loop. Figure 18 shows the ADL5331 in an
AGC loop. The addition of a log amp or a TruPwr™ detector
(such as the AD8362) allows the AGC to have improved
temperature stability over a wide output power control range.
Note that the ADL5331, because of its positive gain slope, in
an AGC application requires a detector with a negative VOUT/
RFIN slope. As an example, the AD8319 in the example in
Figure 19 has a negative slope. The AD8362 rms detector,
however, has a positive slope. Extra circuitry is necessary to
compensate for this.
To operate the ADL5331 in an AGC loop, a sample of the
output RF must be fed back to the detector (typically using
a directional coupler and additional attenuation). A setpoint
voltage is applied to the VSET input of the detector while VOUT
is connected to the GAIN pin of the ADL5331. Based on the
detector’s defined linear-in-dB relationship between VOUT
and the RFIN signal, the detector adjusts the voltage on the
GAIN pin (the detector’s VOUT pin is an error amplifier
output) until the level at the RF input corresponds to the applied
setpoint voltage. The VGAIN setting settles to a value that results
in the correct balance between the input signal level at the
detector and the setpoint voltage.
The detector’s error amplifier uses CLPF, a ground-referenced
capacitor pin, to integrate the error signal (in the form of a
current). A capacitor must be connected to CLPF to set the
loop bandwidth and to ensure loop stability.
INLO
INHI
GAIN
OPLO
OPHI
DIRECTIONAL
COUPLER
ATTENUATOR
VPOS
COMM
ADL5331
5V
5V
CLPF
VOUT
VSET
RFIN
LOG AMP OR
TruPwr
DETECTOR
DAC
RFIN
Figure 18. ADL5331 in AGC Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com