Electronic Components Datasheet Search
  English  ▼

X  

ADL5331 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5331
Description  1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5331 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5331 Datasheet HTML 3Page - Analog Devices ADL5331 Datasheet HTML 4Page - Analog Devices ADL5331 Datasheet HTML 5Page - Analog Devices ADL5331 Datasheet HTML 6Page - Analog Devices ADL5331 Datasheet HTML 7Page - Analog Devices ADL5331 Datasheet HTML 8Page - Analog Devices ADL5331 Datasheet HTML 9Page - Analog Devices ADL5331 Datasheet HTML 10Page - Analog Devices ADL5331 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADL5331
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V; TA = 25°C; M/A-COM ETC1-1-13 1:1 balun at input and output for single-ended 50 Ω match.
20
15
10
5
0
–5
–10
–15
–20
4
3
2
1
0
–1
–2
–3
–4
0.1
0.3
0.5
0.7
0.9
1.1
1.3
VGAIN (V)
Figure 3. Gain and Gain Law Conformance vs. VGAIN
over Temperature at 100 MHz
20
15
10
5
0
–5
–10
–15
–20
4
3
2
1
0
–1
–2
–3
–4
0.1
0.3
0.5
0.7
0.9
1.1
1.3
VGAIN (V)
Figure 4. Gain and Gain Law Conformance vs. VGAIN
over Temperature at 400 MHz
20
15
10
5
0
–5
–10
–15
–20
4
3
2
1
0
–1
–2
–3
–4
0.1
0.3
0.5
0.7
0.9
1.1
1.3
VGAIN (V)
Figure 5. Gain and Gain Law Conformance vs. VGAIN
over Temperature at 900 MHz
FREQUENCY (MHz)
1k
0.1
1
10
100
25
30
15
20
10
5
0
Figure 6. Gain Slope vs. Frequency, RFIN = −20 dBm @ 500 MHz, VGAIN = 1 V
55
50
45
40
35
30
25
20
15
10
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VGAIN (V)
Figure 7. Output IP3 vs. VGAIN at 100 MHz
45
40
35
30
25
20
15
10
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VGAIN (V)
Figure 8. Output IP3 vs. VGAIN at 400 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com