Electronic Components Datasheet Search
  English  ▼

X  

ADP2118 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2118
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2118 Datasheet HTML 6Page - Analog Devices ADP2118 Datasheet HTML 7Page - Analog Devices ADP2118 Datasheet HTML 8Page - Analog Devices ADP2118 Datasheet HTML 9Page - Analog Devices ADP2118 Datasheet HTML 10Page - Analog Devices ADP2118 Datasheet HTML 11Page - Analog Devices ADP2118 Datasheet HTML 12Page - Analog Devices ADP2118 Datasheet HTML 13Page - Analog Devices ADP2118 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP2118
Rev. 0 | Page 10 of 24
CH1 500mV
CH2 5V
CH3 5V
CH4 2A
M1ms
A CH3
3.10V
3
1
2
4
T 20.40%
VOUT
EN
PGOOD
IL
Figure 22. Soft Start with Full Load (1.2 MHz, VIN = 5 V)
T 30.40%
CH1 50mV
CH4 2A
M200µs
A CH4
1.36A
1
4
VOUT (AC)
IO
Figure 23. Load Transient (1.2 MHz, PFM, VIN = 5 V)
CH2 2V
CH3 2V
M 400ns
A CH2
2.88V
3
2
T
–8ns
SW
SYNC
Figure 24. Synchronized to 1 MHz In Phase
CH1 500mV CH2 5V
CH3 5V
CH4 2A
M1ms
A CH3
3.10V
3
1
2
4
T
30.2%
VOUT
EN
PGOOD
IL
Figure 25. Soft Start with Precharge (1.2 MHz, VIN = 5 V)
CH1 50mV
CH4 2A
M200µs
A CH4
1.36A
1
4
T
30.40%
VOUT (AC)
IO
Figure 26. Load Transient (1.2 MHz, FPWM, VIN = 5 V)
CH2 2V
CH3 2V
M400ns
A CH2
2.88V
3
2
T
–8ns
SW
SYNC
Figure 27. Synchronized to 1 MHz 180° Out of Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com