Electronic Components Datasheet Search
  English  ▼

X  

SP506 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP506
Description  5V Single Chip WAN Multi-Mode Serial Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP506 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP506 Datasheet HTML 2Page - Exar Corporation SP506 Datasheet HTML 3Page - Exar Corporation SP506 Datasheet HTML 4Page - Exar Corporation SP506 Datasheet HTML 5Page - Exar Corporation SP506 Datasheet HTML 6Page - Exar Corporation SP506 Datasheet HTML 7Page - Exar Corporation SP506 Datasheet HTML 8Page - Exar Corporation SP506 Datasheet HTML 9Page - Exar Corporation SP506 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
SP506_100_081208
SP506 Multi–Mode Serial Transceiver
© Copyright 2008 Exar Corporation
OTHER AC CHARACTERISTICS (Continued)
T
A = +25°C and VCC = +5.0V unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
POWER REQUIREMENTS
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
V
CC
4.75
5.00
5.25
Volts
I
CC
(No Mode Selected)
30
mA
All I
CC values are with VCC = +5V
(V.28/RS-232)
65
mA
f
IN = 120kbps; Drivers active & loaded.
(V.11/X.21)
175
mA
f
IN = 10Mbps; Drivers active & loaded.
(EIA-530 & RS-449)
250
mA
f
IN = 10Mbps; Drivers active & loaded.
(V.35)
100
mA
V.35 @ f
IN = 10Mbps, V.28 @ 20kbps;
Drivers active & loaded.
RS-422/V.11
t
PZL; Tri-state to Output LOW
0.10
2.0
µsC
L = 100pF, Fig. 35 & 39; S1
closed
t
PZH; Tri-state to Output HIGH
0.10
2.0
µsC
L = 100pF, Fig. 35 & 39; S2
closed
t
PLZ; Output LOW to Tri-state
0.10
2.0
µsC
L = 15pF, Fig. 35 & 39; S1
closed
t
PHZ; Output HIGH to Tri-state
0.10
2.0
µsC
L = 15pF, Fig. 35 & 39; S2
closed
V.35
t
PZL; Tri-state to Output LOW
0.10
2.0
µsC
L = 100pF, Fig. 35 & 39; S1
closed
t
PZH; Tri-state to Output HIGH
0.10
2.0
µsC
L = 100pF, Fig. 35 & 39; S2
closed
t
PLZ; Output LOW to Tri-state
0.10
2.0
µsC
L = 15pF, Fig. 35 & 39; S1
closed
t
PHZ; Output HIGH to Tri-state
0.10
2.0
µsC
L = 15pF, Fig. 35 & 39; S2
closed
TRANSCEIVER TO TRANSCEIVER SKEW
(per Figures 33, 36, 38)
V.28 Driver
100
ns
[ (t
phl )Tx1 – (tphl )Tx6,7 ]
100
ns
[ (t
plh )Tx1 – (tplh )Tx6,7 ]
V.28 Receiver
20
ns
[ (t
phl )
Rx1 – (tphl )Rx2,7 ]
20
ns
[ (t
plh )
Rx1 – (tphl )Rx2,7 ]
V.11 Driver
2
ns
[ (t
phl )Tx1 – (tphl )Tx6,7 ]
2ns
[ (t
plh )Tx1 – (tplh )Tx6,7 ]
V.11 Receiver
3
ns
[ (t
phl )
Rx1 – (tphl )Rx2,7 ]
3ns
[ (t
plh )
Rx1 – (tphl )Rx2,7 ]
V.10 Driver
5
ns
[ (t
phl )Tx2 – (tphl )Tx3,4,5 ]
5ns
[ (t
plh )Tx2 – (tplh )Tx3,4,5 ]
V.10 Receiver
5
ns
[ (t
phl )
Rx2 – (tphl )Rx3,4,5 ]
5ns
[ (t
plh )
Rx2 – (tphl )Rx3,4,5 ]
V.35 Driver
4
ns
[ (t
phl )Tx1 – (tphl )Tx6,7 ]
4ns
[ (t
plh )Tx1 – (tplh )Tx6,7 ]
V.35 Receiver
6
ns
[ (t
phl )
Rx1 – (tphl )Rx2,7 ]
6ns
[ (t
plh )
Rx1 – (tphl )Rx2,7 ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com