Electronic Components Datasheet Search
  English  ▼

X  

SP506 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP506
Description  5V Single Chip WAN Multi-Mode Serial Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP506 Datasheet(HTML) 1 Page - Exar Corporation

  SP506 Datasheet HTML 1Page - Exar Corporation SP506 Datasheet HTML 2Page - Exar Corporation SP506 Datasheet HTML 3Page - Exar Corporation SP506 Datasheet HTML 4Page - Exar Corporation SP506 Datasheet HTML 5Page - Exar Corporation SP506 Datasheet HTML 6Page - Exar Corporation SP506 Datasheet HTML 7Page - Exar Corporation SP506 Datasheet HTML 8Page - Exar Corporation SP506 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
SP506_100_081208
SP506 Multi–Mode Serial Transceiver
© Copyright 2008 Exar Corporation
The SP506 is a monolithic IC that supports eight (8) popular serial interface standards for DTE
to DCE connectivity. The SP506 is pin-to-pin compatible to our SP505 multi-protocol transceiver
but with faster throughput. The seven (7) drivers and seven (7) receivers can transmit and receive
signals at 20Mbps. As with the SP505, the SP506 requires no additional external components
for compliant operation for all of the eight (8) modes of operation. All necessary termination is
integrated within the SP506 and is switchable when V.35 drivers, V.35 receivers, and V.11
receivers are used. The SP506 can operate as either a DTE or DCE.
Additional features with the SP506 include internal loopback that can be initiated in either single-
ended or differential modes. While in loopback mode, driver outputs are internally connected to
receiver inputs creating an internal signal path convenient for diagnostic testing. This eliminates
the need for an external loopback plug. The SP506 also includes a latch enable pin with the driver
and receiver address decoder. Tri-state ability for the driver and receiver outputs is controlled by
supplying a 4-bit word into the address decoder. Seven (7) drivers and one (1) receiver in the
SP506 include separate enable pins for added convenience.
DESCRIPTION
■ Interface Modes Supported:
✓ RS-232 (V.28)
✓ X.21/RS-422 (V.11)
✓ EIA-530 (V.10 & V.11) ✓ EIA-530A (V.10 & V.11)
✓ RS-449 (V.10 & V.11) ✓ V.35 (V.35 & V.28)
✓ V.36 (V.10 & V.11)
✓ RS-485 (unterminated V.11)
■ Software Selectable Protocol
■ Highest Differential Transmission Rates
at over 20Mbps
■ +5V Only Operation
■ Seven (7) Drivers and Seven (7) Receivers
■ Driver and Receiver Tri-state Control
■ Internal Transceiver Termination Resistors for
V.11 and V.35 Protocols
■ Loopback Self-Test Mode
■ Improved ESD Tolerance for Analog I/Os
■ Compliant to NET1/2 and TBR2 Physical Layer
Requirements
■ Used in WAN Serial Ports in Routers, Switches,
DSU/CSU's and other Access Devices
EIA-530
WAN
V.35
SP506
5V Single Chip WAN Multi-Mode Serial Transceiver
RxD 1
SDEN 2
TREN 3
RSEN 4
LLEN 5
TTEN 6
SCTEN 7
LATCH 8
DEC3 9
DEC2 10
DEC1 11
DEC0 12
DTR 13
TxD 14
TxC 15
RTS 16
RL 17
RLEN 18
DCD 19
RxC 20
60 GND
59 SD(b)
58 TR(a)
57 GND
56 TR(b)
55 VCC
54 RS(a)
53 GND
52 RS(b)
51 LL(a)
50 GND
49 LL(b)
48 VCC
47 RL(a)
46 GND
45 RL(b)
44 ST(b)
43 GND
42 ST(a)
41 VCC
SP506


Similar Part No. - SP506

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP506 SIPEX-SP506 Datasheet
496Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP506 SIPEX-SP506 Datasheet
614Kb / 30P
Multi-Protocol Serial Transceivers
SP506 SIPEX-SP506 Datasheet
378Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP506CF SIPEX-SP506CF Datasheet
496Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP506CF SIPEX-SP506CF Datasheet
614Kb / 30P
Multi-Protocol Serial Transceivers
More results

Similar Description - SP506

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP505 SIPEX-SP505 Datasheet
673Kb / 35P
WAN Multi-Mode Serial Transceiver
SP506 SIPEX-SP506 Datasheet
496Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP507 SIPEX-SP507 Datasheet
555Kb / 28P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
208Kb / 23P
WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
495Kb / 35P
WAN Multi-Mode Serial Transceiver
SP506 SIPEX-SP506 Datasheet
378Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP507 SIPEX-SP507 Datasheet
430Kb / 28P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP514 SIPEX-SP514 Datasheet
371Kb / 20P
WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
141Kb / 23P
WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP507 EXAR-SP507 Datasheet
857Kb / 28P
5V Single Chip WAN Multi-Mode Serial Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com