Electronic Components Datasheet Search
  English  ▼

X  

SP6685 Datasheet(PDF) 12 Page - Exar Corporation

Part # SP6685
Description  700mA Buck/Boost Charge Pump LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6685 Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP6685 Datasheet HTML 6Page - Exar Corporation SP6685 Datasheet HTML 7Page - Exar Corporation SP6685 Datasheet HTML 8Page - Exar Corporation SP6685 Datasheet HTML 9Page - Exar Corporation SP6685 Datasheet HTML 10Page - Exar Corporation SP6685 Datasheet HTML 11Page - Exar Corporation SP6685 Datasheet HTML 12Page - Exar Corporation SP6685 Datasheet HTML 13Page - Exar Corporation SP6685 Datasheet HTML 14Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
S
SP
P6
66
68
85
5
7
70
00
0m
mA
A B
Bu
uc
ck
k/
/B
Bo
oo
os
stt C
Ch
ha
arrg
ge
e P
Pu
um
mp
p L
LE
ED
D D
Drriiv
ve
err
© 2009 Exar Corporation
12/14
Rev. 2.0.0
RESISTOR SELECTION
The sense resistor RSENSE is determined by the
value needed in the Torch mode for the
desired output current by the equation:
RSENSE = VFB/IOUT
Where VFB = 50mV (Torch Mode)
Once the RSENSE resistor has been selected for
Torch mode, the VFB voltage can be selected
for Flash mode using the following equation:
VFB = IOUT * RSENSE (Flash Mode)
Where IOUT is for Flash Mode.
Next, the RSET resistor can be selected for
Flash mode using the following equation:
RSET = (1.26V/ VFB)*11.2KΩ (Flash Mode)
For an example of 200mA Torch mode and
600mA Flash mode, the values RSENSE =
0.25Ω, VFB = 150mV (Flash Mode), and RSET
= 94KΩ are calculated. The power obtained in
the Flash mode would be:
PFLASH = VFB *IOUT = 150mV*600mA = 90mW.
The typical 0603 surface mount resistor is
rated 1/10 Watt continuous power and 1/5
Watt pulsed power, more than enough for this
application. For other applications, the PFLASH
power can be calculated and resistor size
selected. The RSENSE resistor is recommended
to be size 0603 for most applications. The
range of typical resistor values and sizes are
shown in table 2.
Part Ref.
Value
Tolerance
Size
RSET
68KΩ
5%
0402
RSET
75KΩ
5%
0402
RSET
82KΩ
5%
0402
RSET
91KΩ
5%
0402
RSET
100KΩ
5%
0402
RSET
110KΩ
5%
0402
RSET
120KΩ
5%
0402
RSET
130KΩ
5%
0402
RSET
140KΩ
5%
0402
RSET
150KΩ
5%
0402
RSENSE
0.22Ω
5%
0603
RSENSE
0.27Ω
5%
0603
RSENSE
0.33Ω
5%
0603
RSENSE
0.39Ω
5%
0603
RSENSE
0.47Ω
5%
0603
Table 2: Resistor Value and Sizes
EVALUATION BOARD CIRCUIT LAYOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com