Electronic Components Datasheet Search
  English  ▼

X  

SP6685 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP6685
Description  700mA Buck/Boost Charge Pump LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6685 Datasheet(HTML) 1 Page - Exar Corporation

  SP6685 Datasheet HTML 1Page - Exar Corporation SP6685 Datasheet HTML 2Page - Exar Corporation SP6685 Datasheet HTML 3Page - Exar Corporation SP6685 Datasheet HTML 4Page - Exar Corporation SP6685 Datasheet HTML 5Page - Exar Corporation SP6685 Datasheet HTML 6Page - Exar Corporation SP6685 Datasheet HTML 7Page - Exar Corporation SP6685 Datasheet HTML 8Page - Exar Corporation SP6685 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
S
SP
P6
66
68
85
5
7
70
00
0m
mA
A B
Bu
uc
ck
k/
/B
Bo
oo
os
stt C
Ch
ha
arrg
ge
e P
Pu
um
mp
p L
LE
ED
D D
Drriiv
ve
err
June 2009
Rev. 2.0.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The SP6685 is a current-regulated charge
pump ideal for powering high brightness LEDs
for camera flash applications.
The charge pump can be set to regulated two
current levels for FLASH and TORCH modes.
The SP6685 automatically switches modes
between step-up and step-down ensuring that
LED current does not depend on the forward
voltage. A low current sense reference voltage
(50mV) allows the use of small 0603 current
sensing resistors.
The SP6685 is designed to operate from a
single cell lithium-ion battery or fixed 3.3V or
5.0V power rails and is available in a RoHS
compliant, “green”/halogen free space saving
10-pin 3mmx3mm DFN package.
APPLICATIONS
• White LED Torch/Flash for Cell Phone,
DSCs and Camcorders
• White LED Backlighting
• Generic Lighting/Flash Application
• General Purpose High Current Boost
FEATURES
• Output Current up to 700mA
• Up to 94% Efficiency in Torch Mode
• Minimum External Components:
No Inductor
• Adjustable FLASH Mode Current
• 1x and 2x Charge Pump Operation
• 2.4MHz High Frequency Operation
• IQ < 1µA in Shutdown
• Built-In Soft Start Limit Inrush Current
• Output Overvoltage Protection
• Over current/Temperature Protection
• 10pin 3x3mm DFN Package
TYPICAL APPLICATION DIAGRAM
Fig. 1: SP6685 Application Diagram


Similar Part No. - SP6685

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
SP6685 SIPEX-SP6685 Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
SP6685EB SIPEX-SP6685EB Datasheet
187Kb / 4P
Evaluation Board Manual
SP6685ER SIPEX-SP6685ER Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
SP6685ER SIPEX-SP6685ER Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
More results

Similar Description - SP6685

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
400mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6686 EXAR-SP6686 Datasheet
640Kb / 12P
400mA Buck/Boost Charge Pump LED Driver
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
1.2A Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
1A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com