Electronic Components Datasheet Search
  English  ▼

X  

SP6685 Datasheet(PDF) 8 Page - Exar Corporation

Part # SP6685
Description  700mA Buck/Boost Charge Pump LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6685 Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP6685 Datasheet HTML 4Page - Exar Corporation SP6685 Datasheet HTML 5Page - Exar Corporation SP6685 Datasheet HTML 6Page - Exar Corporation SP6685 Datasheet HTML 7Page - Exar Corporation SP6685 Datasheet HTML 8Page - Exar Corporation SP6685 Datasheet HTML 9Page - Exar Corporation SP6685 Datasheet HTML 10Page - Exar Corporation SP6685 Datasheet HTML 11Page - Exar Corporation SP6685 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
S
SP
P6
66
68
85
5
7
70
00
0m
mA
A B
Bu
uc
ck
k/
/B
Bo
oo
os
stt C
Ch
ha
arrg
ge
e P
Pu
um
mp
p L
LE
ED
D D
Drriiv
ve
err
© 2009 Exar Corporation
8/14
Rev. 2.0.0
Fig. 22: D1 = AOT 6060HPW0305B LED, RSENSE = 0.33Ω
RSET = 75K, CIN = 4.7µF, CF = 1µF, COUT = 1µF
Fig. 23: D1 = AOT 6060HPW0305B LED, RSENSE = 0.33Ω
RSET = 75K, CIN = 4.7µF, CF = 1µF, COUT = 1µF
Fig. 19: D1 = AOT 6060HPW0305B LED, RSENSE = 0.33Ω
RSET = 75K, CIN = 4.7µF, CF = 1µF, COUT = 1µF
Fig. 20: D1 = AOT 2015HPW1915B LED, RSENSE = 0.22Ω
RSET = 80.6K, CIN = 4.7µF, CF = 1µF, COUT = 1µF
Fig. 26: D1 = AOT 2015HPW1915B LED, RSENSE = 0.22Ω
RSET = 80.6K, CIN = 4.7µF, CF = 1µF, COUT = 1µF
Fig. 27: D1 = AOT 2015HPW1915B LED, RSENSE = 0.22Ω
RSET = 80.6K, CIN = 4.7µF, CF = 1µF, COUT = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com