Electronic Components Datasheet Search
  English  ▼

X  

SA2003 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SA2003
Description  AM/FM RADIO RECEIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2003 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SA2003 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SA2003
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.3
2004.07.31
Http: www.silan.com.cn
Page 1 of 8
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Tamb=25
°C)
Characteristic
Symbol
Ratings
Unit
Supply Voltage
VCC
8
V
DIP-16
750
Power Dissipation
SOP-16
PD (Note)
350
mW
Operating Temperature
Topr
-25~75
°C
Storage Temperature
Tstg
-55~150
°C
NOTE: Derated above Tamb=25
°C in the proportion of 6mW/°C for SA2003 and of 2.8 mW/°C for SA2002S.
AM/FM RADIO RECEIVER
DESCRIPTION
The SA2003 is AM/FM radio IC (FM F/E+AM/FM IF) which is
designed for AM/FM radios. Combining with the UTC7368 (Mono PW
IC), a suitable AM/FM radio system is able to be constituted.
FEATURES
* FM IFT, AM IFT and FM detector coil are not needed.
* Pin compatible of TA8164P.
* Operating supply voltage range: VCC(opr)=1.8~7V (Ta=25
°C)
ORDERING INFORMATION
Device
Package
SA2003
DIP-16-300-2.54
SA2003S
SOP-16-225-1.27
DIP-16-300-2.54
SOP-16-225-1.27


Similar Part No. - SA2003

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA200 WTE-SA200 Datasheet
72Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA200 PANJIT-SA200 Datasheet
110Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA200 PANJIT-SA200 Datasheet
103Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
SA200 PANJIT-SA200 Datasheet
131Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
logo
Comchip Technology
SA200(C)-G COMCHIP-SA200(C)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
More results

Similar Description - SA2003

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5591A PHILIPS-TEA5591A Datasheet
144Kb / 14P
AM/FM radio receiver circuit
February 1990
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
AM/FM radio receiver circuit
March 1991
logo
Silan Microelectronics ...
SA2132 SILAN-SA2132 Datasheet
133Kb / 7P
AM/FM RADIO RECEIVER
logo
Silicon Laboratories
SI4745-C10-GM SILABS-SI4745-C10-GM Datasheet
66Kb / 2P
Automotive AM/FM Radio Receiver
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
Broadcast AM/FM Radio Receiver
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
BROADCAST AM/FM RADIO RECEIVER
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
BROADCAST AM/FM RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com