Electronic Components Datasheet Search
  English  ▼

X  

SA2003 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA2003
Description  AM/FM RADIO RECEIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2003 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA2003 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SA2003
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.3
2004.07.31
Http: www.silan.com.cn
Page 2 of 8
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Ta=25°C, VCC=3 V, F/E : f=98 MHz, fm=1
kHz ; FM IF : f=10.7 MHz,
∆f =±22.5 kHz, fm= 1kHz ;AM : f=1MHz, MOD=30%, fm=1kHz)
PIN CONFIGURATION
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
ICC (FM)
FM mode, Vin=0
--
10.5
16.5
Supply Current
ICC (AM)
AM mode, Vin=0
--
5.0
8.0
mA
Input Limiting Voltage
Vin(lim)
-3dB limiting point
--
12
--
dB
µV
EMF
Quiescent Sensitivity
QS
S/N=40dB
--
12
--
dB
µV
EMF
Local OSC Voltage
VOSC
fOSC =108 MHz
160
240
320
mVrms
F/E
Local OSC Stop Voltage
Vstop(FM)
Vin=0
--
1.2
--
V
Input Limiting Voltage
Vin(lim) IF -3dB limiting point
42
47
52
dB
µV EMF
Recovered Output Voltage
VOD
Vin = 80dB
µV EMF
50
70
90
mVrms
Signal to Noise Ratio
S/N
Vin = 80dB
µV EMF
--
62
--
dB
Total Harmonic Distortion
THD
Vin = 80dB
µV EMF
--
0.4
--
%
FM IF
AM Rejection Ratio
AMR
Vin = 80dB
µV EMF
--
33
--
dB
Voltage Gain
GV
Vin = 27dB
µV EMF
15
32
50
mVrms
Recovered Output Voltage
VOD
Vin = 60dB
µV EMF
35
60
85
mVrms
Signal to Noise Ratio
S/N
Vin = 60dB
µV EMF
--
43
--
dB
Total Harmonic Distortion
THD
Vin = 60dB
µV EMF
--
1.0
--
%
AM
Local OSC Stop Voltage
Vstop(AM) Vin=0
1.6
--
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com