Electronic Components Datasheet Search
  English  ▼

X  

SA2003 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SA2003
Description  AM/FM RADIO RECEIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2003 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

  SA2003 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2003 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SA2003
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.3
2004.07.31
Http: www.silan.com.cn
Page 6 of 8
TEST CIRCUIT 2
COIL DATA
Turns
Coil No.
Test
Freq.
L
(
µH)
Co
(pF)
Qo
1-2
2-3
1-3
1-4
4-6
Wire(mm)
Reference
L1 FM RF
100MHz
--
--
100
--
--
--
2
4
1
--
0.5 UEW
(s)0258-000-
021
L2 FM OSC
100MHz
--
--
100
--
--
1
4
3
--
--
0.5 UEW
(s)0258-000-
020
L3 AM OSC
796kHz
268
--
125
14
86
--
--
--
0.06 UEW
(s)2157-2239-
213A
(s): Sumida electric co., ltd.
3
1
3
2
1
3
4
6
L1, L2
L3
VCC
v.c.
Pin 12



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com