Electronic Components Datasheet Search
  English  ▼

X  

SA2159 Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SA2159
Description  VOLTAGE CONTROLLED AMPLIFIER FOR ELECTRONIC VOLUME CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2159 Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SA2159 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 11Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SA2159
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.0
2005.04.22
Http: www.silan.com.cn
Page 7 of 11
Current programming
An external Iset can set the size of the current source at the bottom of the core. Iset is normally determined by
a resistor between V- and pin 5 (Vpin 5 = -2.7V, typically). Iset should be 200
µA larger than the total of the peak
input and output signal currents because Iset divides into two portions: approximately 200
µA is used for internal
biasing, and the rest is available for the current source at the bottom of the core.
Note that since the sum of the input and output currents plus ISET must be supplied through the output
impedance of the internal op amp, this impedance is approximately 2k
Ω, the voltage available to drive the core
will lower.
Headroom
The logarithmic characteristics of the core transistors also limit maximum signal currents. The devices used in
the SA2159 are specially designed to conform to an ideal log-linear curve over a wide range of currents, but their
limit value is approximately 1mA. Distortion will increase with increasing current levels because of falling log
conformance. Figure 6 through 8 show typical distortion versus 1 kHz signal level for the SA2159 at -15dB, 0 dB,
and +15dB gain. Thus, the maximum signal level for a particular design will be determined by the acceptable
distortion.
Figure 6. 1KHz THD +Noise Vs. input,-15dB gain
Figure 7. 1kHz THD+Noise Vs. level, 0dB gain
Figure 8. 1kHz THD+Noise Vs. Input, +15dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com