Electronic Components Datasheet Search
  English  ▼

X  

SA2159 Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SA2159
Description  VOLTAGE CONTROLLED AMPLIFIER FOR ELECTRONIC VOLUME CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2159 Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SA2159 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 11Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SA2159
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.0
2005.04.22
Http: www.silan.com.cn
Page 10 of 11
oscillate internally. In such cases, a 100
Ω resistor in series with a 1.5nf capacitor between the control port and
ground will usually suffice to prevent the instability.
IN
V+
V-
GND
EC+
EC+(sym)
EC-
Input
Output
10
20k
+15V
OUT
5.1K
20k
47p
LF351
+15V
50K
SYM
ADJ
-15V
150K
Rsym
51
-15V
5
6
2
4
8
3
7
1k
1k
EC+
SA2159
VCA
Figure 10. Using both control ports (differential drive)
Noise considerations
For good audio designers, it is important to consider the effects of noisy devices on the signal path. As is well
known, this includes not only active devices, but also impedance. High value resistors have inherent thermal
noise. And the wrong choice of impedance levels will easily bring on the noise performance of an otherwise quiet
circuit being spoiled.
However, the effect of noisy circuitry and high impedance levels in the control path of voltage-control circuitry is
easily neglected. When no signal is present at the signal input, The SA2159 VCA noise at the control input is
rejected like double-balanced multipliers. Most everyone measures noise in the absence of signal, so noise of
control circuitry is often neglected. However, noise at the control port of these parts will cause noise modulation
of the signal. If driving the control ports is not quiet signals, this problem will become very grave.
Quiet electronics throughout be control-voltage circuitry can be used to avoid excessive noise. One useful
technique is to process control voltages at a multiple of the eventual control constant (e.g., 59mV/dB –ten times
higher than the VCA requires). And then attenuate the control signal just before the final drive amplifier. It is
necessary to pay attention to Impedance levels and noisy op amps.
Figure 11. Typical frequency response vs. gain
Figure 12. Typical noise (20kHz NBW) vs. gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com