Electronic Components Datasheet Search
  English  ▼

X  

SA2159 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SA2159
Description  VOLTAGE CONTROLLED AMPLIFIER FOR ELECTRONIC VOLUME CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2159 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SA2159 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SA2159
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.0
2005.04.22
Http: www.silan.com.cn
Page 6 of 11
Figure 4. Using Both Control Ports Pin 2 and Pin4
Control port source impedance
The control ports (pin 2 through 4) are connected directly to the bases of the logging and /or antilogging
transistors. Since the collector currents of transistors are signal-related, the base currents will also be signal-
related. If the source impedance of the control voltage is large, the signal-related base currents will cause signal-
related voltage to appear at the control ports, which will affect precise logging and antilogging, in turn causing
distortion. At high signal levels, even 100
Ω can spoil the good performance of these parts. Due to signal current
based on a transistor
β of approximately 300(NPN) or 100(PNP), the distortion caused by a specific and non-zero
source impedance by determining the base voltage modulation can be estimated.
In SA2159 VCA design, the source impedance of pin 2 and pin 3 are zero, while the source impedance of pin 4
is 50
Ω because pin 4 is intended for connection to the symmetry control.
DC input signals
Any dc currents in the feedback loop of the internal op amp will show up as dc terms in the output signal, and
will be modulated by gain commands. The bias current compensation circuit inside the chip offers the input bias
current to the input differential amplifier. Ac input coupling is strongly recommended to prevent an input dc
current supplied from external application circuit of the VCA.
Figure 5. DC offset vs. gain, after symmetry adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com