Electronic Components Datasheet Search
  English  ▼

X  

SC230 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC230
Description  GENERAL 32X3 SEG LCD DISPLAY DRIVER WITH 1/3 DUTY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC230 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC230 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SC230
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.4
2004.08.03
Http: www.silan.com.cn
Page 1 of 14
GENERAL 32X3 SEG LCD DISPLAY DRIVER WITH 1/3 DUTY
DESCRIPTIONS
SC230 is a general-purpose external LCD driver.
FEATURES
* Support max. 32×3 LCD SEG
* Support max. 24 keys input
* 1/3 duty, 1/2 bias
* Key input and LCD output can be processed at the same time
* SEG0/P1~SEG3/P4 can be as LCD or common output
APPLICATIONS
* LCD driver
ORDERING INFORMATION
Device
Package
SC230
QFP-64-14 X 20-1.0
QFP-64-14x20-1.0
BLOCK DIAGRAM
WDT
Basic
timer
Clock
timer
8-bit timer/
Counter 0
Interrupt control
Instruction
register
PC
PSW
SP
ALU
I/O ports
288 x 4-Bit
RAM
2/4 K Bytes
ROM
LCD
driver/
controller
Input ports
RESET
BIAS
VLC0
COM0
5
6
3
1
64
33
24
16
21
25
27
32
8
KS1
KS4
DO
KI1
KI6
SEG31
SEG0
COM2
9
19
18
VDD
CLK
DI
VLC2
OSC
15
14
11
12
Xin
Xout
XTout
XTin
10
GND


Similar Part No. - SC230

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2308A SEMTECH-SC2308A Datasheet
741Kb / 17P
600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
SC2308AEVB SEMTECH-SC2308AEVB Datasheet
741Kb / 17P
600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
SC2308ASTRT SEMTECH-SC2308ASTRT Datasheet
741Kb / 17P
600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
logo
France Joint
SC230X260X15 FRANCEJOINT-SC230X260X15 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
More results

Similar Description - SC230

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
1/4 Duty General-Purpose LCD Display Driver???
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
1/3 Duty General-Purpose LCD Display Driver????
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
1/4-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
1/3, 1/4-Duty General-Purpose LCD Display Driver
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
1/4 and 1/3-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
1/4-Duty General-Purpose LCD Display Driver
July, 2013
LC75833E ONSEMI-LC75833E Datasheet
507Kb / 23P
1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
1/4, 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com