Electronic Components Datasheet Search
  English  ▼

X  

SC230 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC230
Description  GENERAL 32X3 SEG LCD DISPLAY DRIVER WITH 1/3 DUTY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC230 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC230 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SC230
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.4
2004.08.03
Http: www.silan.com.cn
Page 2 of 14
ABSOLUTE MAXIMUM RATING(Tamb=25°C)
Characteristics
Symbol
Ratings
Unit
Power Supply
VDD
-0.3~6.5
V
Input Voltage
VI
-0.3~VDD+0.3
V
Output Voltage
VO
-0.3~VDD+0.3
V
Operating Temperature
Topr
-20~+70
°C
Storage Temperature
Tstg
-40~+125
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C,VSS=0v)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Operating Voltage
VDD
4.5
6.0
V
VIH1
0.8VDD
VDD
V
Input VTG[H]
VIH2
KI1~KI6
0.7VDD
VDD
V
Input VTG[L]
VIL
0
0.3VDD
V
Oscillator Frequency
fosc
VDD=5V, R=33k
Ω
2.0
MHz
Data Set Time
tds
26
1524
µs
Data Hold Time
tdh
26
1524
µs
High Pulse Width
t
φH
26
1524
µs
Low Pulse Width
t
φL
26
1524
µs
CE Wait Time
tcp
26
1524
µs
CE Set Time
tcs
26
1524
µs
CE Hold Time
tch
26
1524
µs
DO Delay Time
tdc
10
20
µs
CE
CL
DI
DO
t
L
t
H
tds
tch
tcp
tcs
DO
DI
tdc
tch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com