Electronic Components Datasheet Search
  English  ▼

X  

SC230 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC230
Description  GENERAL 32X3 SEG LCD DISPLAY DRIVER WITH 1/3 DUTY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC230 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC230 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC230 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SC230
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.4
2004.08.03
Http: www.silan.com.cn
Page 3 of 14
PIN CONFIGURATION
PIN DESCRIPTIONS
Pin No.
Symbol
Pin descriptions
1
COM0
2
COM1
3
COM2
LCD COM
4, 26
NC
No connection
5
BIAS
LCD bias control
6
VLC0
7
VLC1
8
VLC2
LCD voltage input
9
17
VDD0
VDD1
Power supply(4.5V~6.0V)
10
VSS
Ground
11, 12
Xout, Xin
Crystal oscillator input/output
13
TEST
Connect to ground
14
XTIN
Connect to ground
15
XTOUT
No connection
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com