Electronic Components Datasheet Search
  English  ▼

X  

SC3449 Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC3449
Description  PROGRAMMABLE CALCULATOR WITH 10BIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3449 Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC3449 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SC3449
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.19
Http: www.silan.com.cn
Page 7 of 23
Ÿ The mixed calculation of fraction/decimal fraction will be shown in the decimal fraction form.
Transform the decimal fraction form to fraction form
Arithmetic formula
Key-press
Result vision
Example
2.75
4
3
2
→
2.75
c
b
a
SHIFT
c
d
2.75
2_|3_|4.
11_|4.
Transform the fraction form to fraction form decimal fraction
Arithmetic formula
Key-press
Result vision
Example
0.5
2
1
↔
(Fraction
↔Decimal
fraction)
1
c
b
a
2
c
b
a
c
b
a
1_|2.
0.5
1_|2.
Ÿ Please use parenthesis() in combinational arithmetics between function ( A function, B function, power and
root operation etc.)and fraction operator ab/c.
Arithmetic formula
Key-press
Result vision
Example 1
5
8
Sin
Sin
8
c
b
a
5
Sin(8_|5)=0.027921638
Example 2
5
8
Sin
Sin 8
c
b
a
5
(Sin8)_|5=0.02783462
4. Percentage calculation
Ÿ Use COMP mode to go along the percentage calculation
Arithmetic formula
Key-press
Result vision
Example 1
Calculating the12% of
1500
1500 × 12 SHIFT % =
180.
Example 2
What percent is 660 of 880
660 ÷ 880 SHIFT % =
75.
5. Science function calculation
Ÿ Use COMP mode to go along the science function calculation
Ÿ
π=3.14159265359
Trigonometric /counter-trigonometric function
Arithmetic formula
Key-press
Result vision
Example1
Sin63 52’
41”
MODE MODE 1
“D”
Sin 63
‚
„52
‚
„41
‚
„
0.897859012
Example2
rad)
3
cos(
MODE MODE
“R”
Cos ( SHIFT
π ÷ 3 )
0.5
Example3
cos
-1
4
2
2
π
=
MODE MODE
“R”
SHIFT cos
-1
2 ÷ 2
Ans ÷ SHIFT
π
0.785398163
0.25
Example4
tan
-10.741
MODE MODE 1
“D”
SHIFT tan
-1 0.741
36.53844577



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com