Electronic Components Datasheet Search
  English  ▼

X  

SC3449 Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC3449
Description  PROGRAMMABLE CALCULATOR WITH 10BIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3449 Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC3449 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 13Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SC3449
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.19
Http: www.silan.com.cn
Page 9 of 23
Decimal digits
efficient digits
RND
Arithmetic formula or
requirement
Key-press
Result vision
200 ÷ 7 × 14
400.
MODE MODE MODE 1 3
400.000
Fix
Example1
200÷7×14
400
(appointed 3 digits
decimal faction)
(Calculating the internal
data are unchangeable)
200 ÷ 7
× 14
28.571
400.000
Going along the same calculation by appointed decimal digits.
Arithmetic formula or
requirement
Key-press
Result vision
200 ÷ 7
28.571
SHIFT Rnd
28.571
Example2
(Calculating the internal
rounding)
× 14
399.994
Ÿ Pressing MODE MODE MODE 3 1 can delete the enactment of the decimal digits (FIX)
Arithmetic formula or
requirement
Key-press
Result vision
Example3
1÷3
Showing the calculation
result by two efficient
digits (SCI 2)
MODE MODE MODE 2 2
1 ÷ 3
3.3
-01
Sci
Ÿ Pressing MODE MODE MODE 3 1 can delete the enactment of the efficient digits.
Engineering calculation
Arithmetic formula
Key-press
Result vision
Example1
Converse 56, 088 meter
to kilometer
56088
ENG
56.088
03
Example2
Converse 0.08125 gram
to milligram
0.08125
ENG
81.25
-03
Coordinate transform
Ÿ The result will assign the variable E and F automatically
Arithmetic formula or
requirement
Key-press
Result vision
Note
Example1
Transfer the polar
coordinates (r
2,
θ=60°)
to right-angle coordinates
(x, y). (DEG mode)
SHIFT Rec( 2
60 )
RCL F
1.
D
1.732050808
x
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com