Electronic Components Datasheet Search
  English  ▼

X  

SC3449 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC3449
Description  PROGRAMMABLE CALCULATOR WITH 10BIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3449 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC3449 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SC3449
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.19
Http: www.silan.com.cn
Page 1 of 23
PROGRAMMABLE CALCULATOR WITH 10-BIT DUAL DISPLAY
DESCRIPTION
The SC3449 is a monolithic CMOS circuit for scientific calculators,
having the basic calculation, the memory calculation, fraction calculation,
percentage calculation, scientific function calculation, statistics back to
return to compute, degree, cent, second calculation etc. ,and you can
directly press the key according to the sequence of the formulas, while
the calculators will automatically operate in terms of the algorithm. Using
a 3V power supply it can display ten arithmetic figures, 12 characters
composing of lattice, and the state mark of the calculation. The
calculator can turn off by itself.
FEATURES
* Monolithic CMOS structure
* Scientific operation
* Statistic operation
* Fraction operation
* Coordinate transform
* Conversion and operation between Decimal and hex
* Editing input operation
* Independent memory M
* Memories A, B, C, D, E, F, X, Y
* Producing stochastic numbers
* Register “ANS”for final answers
* 3V typical power supply
* 43uA typical power dissipation
* 32k×8bit built-in large capacitance program ROM
* Embedded microprogramming control
* Showing the electricity-saving mode
* Turnoff automatically
* 83-pin COB package
* Calculation range:
± 10-99~±9.999999999×1099
ORDERING INFERMATION
Device
Package
SC3449
DIE
APPLICATIONS
* Science function calculators


Similar Part No. - SC3449

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC3442 SILAN-SC3442 Datasheet
297Kb / 20P
SCIENTIFIC 10DIGITS CALCULATOR CIRCUIT
More results

Similar Description - SC3449

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ1236 INTEGRAL-IZ1236 Datasheet
151Kb / 6P
8-DIGIT CALCULATOR WITH MARKER
logo
ams AG
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
10Bit 360 Programmable Magnetic Rotary Encoder
logo
STMicroelectronics
STPMC1 STMICROELECTRONICS-STPMC1 Datasheet
2Mb / 77P
Programmable poly-phase energy calculator IC
24-Apr-2012
logo
ams AG
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
logo
STMicroelectronics
STPMC1 STMICROELECTRONICS-STPMC1_V01 Datasheet
2Mb / 10P
Programmable poly-phase energy calculator IC
November 2012
logo
SINOWEALTH Electronic L...
SH77P1651A SINOWEALTH-SH77P1651A Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F1612B SINOWEALTH-SH79F1612B Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79M1612B SINOWEALTH-SH79M1612B Datasheet
1Mb / 96P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH88F516 SINOWEALTH-SH88F516 Datasheet
1Mb / 105P
8051 Microcontroller with 10bit ADC
V2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com