Electronic Components Datasheet Search
  English  ▼

X  

SC5358 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC5358
Description  6CH ELECTRONIC VOLUME CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5358 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC5358 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SC5358
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2004.08.03
Http: www.silan.com.cn
Page 1 of 9
BLOCK DIAGRAM
6-CH ELECTRONIC VOLUME CONTROLLER
DESCRIPTION
SC5358 is a 6-channel electronic volume controller IC mainly designed
for the current multi-channel AV systems. It provides an I
2C control
interface, a selectable address and an attenuation range from 0 to –
79dB at 1dB/step.
FEATURES
* CMOS technology
* I
2C bus control interface
* Selectable address
* Attenuation range: 0~-79dB(1dB/step)
* Power supply: 5~9V
* S/N>100dB
* High Channel Separation
APPLICATIONS
* 5.1-channel AV system
* Computer multi-media system
* Other multi-channel systems
ORDERING INFORMATION
Part No.
Package
SC5358
DIP-20-300-2.54
SC5358S
SOP-20-375-1.27


Similar Part No. - SC5358

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5353 FAIRVIEW-SC5353 Datasheet
42Kb / 1P
.100" SQ FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SMP-MALE PCB LIMITED DETENTE
REV A
SC5355 FAIRVIEW-SC5355 Datasheet
493Kb / 3P
SC5355 DATA SHEET SMP Male Full Detent PCB Connector Thru Hole Solder Attachment
REV 1.1
SC5359 FAIRVIEW-SC5359 Datasheet
443Kb / 3P
SC5359 DATA SHEET SMP Male Smooth Bore PCB Connector Thru Hole Solder Attachment
REV 1.1
More results

Similar Description - SC5358

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
6CH ELECTRONIC VOLUME WITH TONE CONTROL
logo
Hitachi Semiconductor
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
6ch Electronic Volume with 5 Input Selector
logo
List of Unclassifed Man...
REJ03F0057_M61520FP ETC-REJ03F0057_M61520FP Datasheet
244Kb / 16P
6ch Electronic Volume with Tone Control
logo
Renesas Technology Corp
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
6ch Electronic Volume with Tone Control
M61539FP RENESAS-M61539FP Datasheet
147Kb / 18P
6ch Electronic Volume with Tone Control
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
6ch Electronic Volume with 4 Input Selector
M62446AFP RENESAS-M62446AFP Datasheet
240Kb / 19P
6ch Electronic Volume with Tone Control
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
6ch Electronic Volume with Tone Control
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
6ch Electronic Volume with 5 Input Selector
logo
Rohm
BD3814FV ROHM-BD3814FV_1 Datasheet
371Kb / 11P
6ch Electronic Volume
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com