Electronic Components Datasheet Search
  English  ▼

X  

SC5358 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC5358
Description  6CH ELECTRONIC VOLUME CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5358 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC5358 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SC5358
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2004.08.03
Http: www.silan.com.cn
Page 2 of 9
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Ratings
Unit
Supply Voltage
VCC
12
V
Operating Temperature
Topr
-20~+75
°C
Storage Temperature
Tstg
-40~+125
°C
Input Voltage
Vi
-0.3~VCC+0.3
V
ELECTRICAL CHARACTERISTICS(VCC=9V Vi=1Vrms f=1kHz Temperature t=27 )
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Operating Voltage
VCC
-
4
9
12
V
Operating Current
ICC
VCC=9V
Vi=0V
-
7.5
9
mA
Min. attenuation
-
0
-
Volume Attenuation Range
ARAN
Max. attenuation
-
79
-
dB
Attention step
ASTEP
-
-
1
-
dB
Attention Step Gain Error
GERR
-
-
0.5
-
dB
Interchannel Attenuation Gain
Error
CERR
-
-
0.5
-
dB
Maximum Output Voltage
Vomax
VCC=9V,=1kHz,volume
attenuation 0dB
load resistor is
50k
Ω,THD<1%
2.0
2.3
2.5
Vrms
Vout=2Vrms
-
0.07
0.09
%
Total Harmonic Distortion
THD
f=1kHz,volume
attenuation
0dB,load
resistor is 50k
Ω
Vout=200mVrms
-
0.003
0.005
%
Noise Output
eNO
Vin=GND,volume attenuation 0dB.
-
2
3
µVrms
Signal To Noise Ratio
SNR
Vin=1Vrms,volume attenuation
0dB
110
120
125
dB
Channel Separation
CS
Vin=2.5Vrms,f=1kHz,volume
attenuation 0dB
100
120
125
dB
Mute Attenuation
MUTE
Vin=2.5Vrms,f=1kHz,volume
attenuation 0dB.
90
95
97
dB
Frequency Response
FR
Vin=2.5Vrms,volume attenuation
0dB
THD<3%
-
0.25
0.27
MHz
Input Impedance
Rin
f=1kHz
-
48
-
k
Ω
Output Impedance
Rout
f=1kHz,Vout=100mVrms
-
100
-
Ω
I2C BUS SECTION ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Bus high input level
VIH
-
0.5
-
-
VCC
Bus low input level
VIL
-
-
-
0.2
VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com