Electronic Components Datasheet Search
  English  ▼

X  

SC5358 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC5358
Description  6CH ELECTRONIC VOLUME CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5358 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC5358 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SC5358
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2004.08.03
Http: www.silan.com.cn
Page 3 of 9
PIN CONFIGURATION
PIN DESCRIPTION
Pin No.
Pin name
Pin description
1
IN1
Input channel 1
2
IN2
Input channel 2
3
IN3
Input channel 3
4
A2
The 3rd bit of address
5
DGND
"0"
Usually connected to ground
6
SCL
I
2C clock input
7
SDA
I
2C data input
8
IN4
Input channel 4
9
IN5
Input channel 5
10
IN6
Input channel 6
11
OUT6
Output channel 6
12
OUT5
Output channel 5
13
OUT4
Output channel 4
14
GND
Ground
15
REF
Reference voltage output
16
VCC
Power supply
17
A3
The 4th bit of address
18
OUT3
Output channel 3
19
OUT2
Output channel 2
20
OUT1
Output channel 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com