Electronic Components Datasheet Search
  English  ▼

X  

SC7314 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC7314
Description  4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7314 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC7314 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SC7314
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.09.25
Http: www.silan.com.cn
Page 1 of 14
4-CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND
TONE/VOLUME CONTROL
DESCRIPTION
The SC7314 is a volume, tone (bass and treble), balance (left/ right)
and fader (front/rear) processor for quality audio applications in car radio
and Hi-Fi systems. Selectable input gain and external loudness function
are provided. Control is accomplished by serial I
2C bus microprocessor
interface. The AC signal settings is obtained by resistor networks and
switches combined with operational amplifiers. Due to the Used CMOS
technology, low distortion, low noise and low DC stepping are obtained.
FEATURES
* Input multiplexer:
--4 stereo inputs
--Selectable input gain for optimal adaptation to different
sources
* Four speaker attenuators:
--4 independent speakers control in 1.25dB steps for
balance and fader facilities
--Independent mute function
* All functions programmable via serial I
2C Bus
* Loudness function
* Volume control in 1.25dB steps
* Treble and bass control
* Input and output for external equalizer or noise reduction system
ORDERING INFORMATION
Device
Package
SC7314
DIP-28-600-2.54
SC7314S
SOP-28-375-1.27
SC7314D
SDIP-28-400-1.778
BLOCK DIAGRAM
Volume &
Loudness
Treble
Serial Bus Decoder + Latches
Supply
Speaker
ATT/Mute
Input
Selection
&
Gain
Control
CREF
SDA
Bass
Volume &
Loudness
Treble
Speaker
ATT/Mute
Bass
SCL
16
15
14
13
8
9
10
11
18
6
17
12
20
19
3
24
27
26
25
DGND
23
4
22
21
5
7
28
1
2
L1
L2
L3
L4
R1
R2
R3
R4
L
R


Similar Part No. - SC7314

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7312 SILAN-SC7312 Datasheet
261Kb / 12P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7312S SILAN-SC7312S Datasheet
261Kb / 12P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7313 SILAN-SC7313 Datasheet
150Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
SC7313S SILAN-SC7313S Datasheet
150Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
SC7315 SILAN-SC7315 Datasheet
238Kb / 13P
2CH OUTPUT STEREO AUDIO PROCESSOR
More results

Similar Description - SC7314

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC1982 NSC-LMC1982 Datasheet
348Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
LMC1983 NSC-LMC1983 Datasheet
331Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
logo
NXP Semiconductors
TDA1524A PHILIPS-TDA1524A Datasheet
207Kb / 16P
Stereo-tone/volume control circuit
September 1987
TDA1526 PHILIPS-TDA1526 Datasheet
196Kb / 14P
Stereo-tone/volume control circuit
May 1992
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
Car Stereo Electronic Tone and Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
logo
MOSA ELECTRONICS
MS6821 MOSA-MS6821 Datasheet
880Kb / 26P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
logo
Silan Microelectronics ...
SC7312 SILAN-SC7312 Datasheet
261Kb / 12P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
logo
MOSA ELECTRONICS
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6821 MOSA-MS6821_1 Datasheet
704Kb / 29P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com