Electronic Components Datasheet Search
  English  ▼

X  

SC7314 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC7314
Description  4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7314 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC7314 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SC7314
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.09.25
Http: www.silan.com.cn
Page 3 of 14
(Continued)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VOLUME CONTROL
Input Resistance
RIV
20
33
50
k
Ω
Control Range
Crange
70
75
80
dB
Minimum Attenuation
AV(min)
-1
0
1
dB
Maximum Attenuation
AV(max)
70
75
80
dB
Step Resolution
ASTEP
0.5
1.25
1.75
dB
AV=0 to –20dB
-1.25
0
1.25
Attenuation Set Error
EA
AV=-20 to –60dB
-3
2
dB
Tracking Error
ET
2
dB
Adjacent attenuation steps
0
3
mV
DC Steps
VDC
From 0dB to AV max
0.5
7.5
mV
SPEAKER ATTENUATORS
Control Range
Crange
35
37.5
40
dB
Step Resolution
SSTEP
0.5
1.25
1.75
dB
Attenuation Set Error
EA
1.5
dB
Output Mute Attenuation
AMUTE
80
100
dB
Adjacent attenuation steps
0
3
mV
DC Steps
VDC
From 0dB to MUTE
1
10
mV
BASS CONTROL (note 1)
Control Range
GB
Maximum boost/cut
±12
±14
±16
dB
Step Resolution
BSTEP
1
2
3
dB
Internal Feedback
Resistance
RB
34
44
58
k
Ω
TREBLE CONTROL (note 1)
Control Range
Gt
Maximum boost/cut
±13
±14
±15
dB
Step Resolution
TSTEP
1
2
3
dB
AUDIO OUTPUTS
Clipping Level
VOCL
THD=0.3%
2
2.5
Vrms
Output Load Resistance
RL
4
k
Ω
Output Load Capacitance
CL
10
nF
Output Resistance
ROUT
30
75
120
Ω
DC Voltage Level
VOUT
4.2
4.5
4.8
V
GENERAL
BW=20 ~20kHz,flat output muted
2.5
µV
BW=20 ~20kHz,flat All gains=0dB
5
15
µV
Output Noise
eNO
A curve, all gains =0 dB
3
µV
Signal To Noise Ratio
S/N
All gains=0dB; Vo=1Vrms
106
dB
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com