Electronic Components Datasheet Search
  English  ▼

X  

SC7314 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC7314
Description  4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7314 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC7314 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7314 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SC7314
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.09.25
Http: www.silan.com.cn
Page 4 of 14
(Continued)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
AV=0,VIN=10mV
0.01
0.1
%
AV=-20dB, VIN=1Vrms
0.09
0.3
%
Distortion
d
AV=-20dB,VIN=0.3Vrms
0.04
%
Channel Separation
Left/Right
Sc
80
103
dB
AV=0 to –20 dB
0
1
dB
Total Tracking Error
AV=-20 to –60 dB
0
2
dB
BUS INPUTS
Input Low Voltage
VIL
1
V
Input High Voltage
VIH
3
V
Input Current
IIN
-5
+5
µA
Output Voltage SDA
Acknowledge
Vo
Io=1.6mA
0.4
V
NOTES:
(1) Bass and treble response see Figure 16. The center frequency and quality of the response behavior can be
chosen by the external circuitry. A standard first order bass response can realized by a standard feedback
network.
(2) The selected input is grounded through the 2.2
µF capacitor.
PIN CONFIGURATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com