Electronic Components Datasheet Search
  English  ▼

X  

SC9200AS Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC9200AS
Description  DTMF GENERATOR WITH MICROPROCESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9200AS Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC9200AS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SC9200
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.08.03
Http: www.silan.com.cn
Page 3 of 10
PIN CONFIGURATION
PIN DESCRIPTION
Pin NO.
DIP-8
SOP-8
DIP-14
SOP-14
Pin Name
Description
1
1
CE
Chip enable, active low.
2
2
X2
3
3
X1
The system oscillator consists of an inverter, a bias resistor, and the
required load capacitor on chip. The oscillator function can be
implemented by Connect a standard 3.579545MHz crystal to the X1 and
X2 terminals.
4
4
VSS
Negative power supply.
5
NC
No connection.
6~9
D0~D3
Data inputs for the parallel mode.
When the IC is operating in the serial mode, the data input terminals
(D0~D3) are included with a pull-high resistor. When the IC is operating
in the parallel mode, these pins become floating.
10
/P
S
Operation mode selection input
/P
S
=”H”: Parallel mode
/P
S
=”L”: Serial mode
5
11
CLK
Data synchronous clock input for the serial mode. When the IC is
operating in the parallel mode, the input terminal (CLK) is included with
a pull-high resistor. When the IC is operating in the serial mode, this pin
becomes floating.
6
12
DATA
Data input terminal for the serial mode. When the IC is operating in the
parallel mode, the input terminal (DATA) is included with a pull-high
resistor. When the IC is operating in the serial mode, this pin becomes
floating.
7
13
DTMF
Output terminal of the DTMF signal.
8
14
VDD
Positive power supply, 2.0V~5.5V for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com