Electronic Components Datasheet Search
  English  ▼

X  

SC9200AS Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC9200AS
Description  DTMF GENERATOR WITH MICROPROCESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9200AS Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC9200AS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SC9200
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.08.03
Http: www.silan.com.cn
Page 4 of 10
FUNCTIONAL DESCRIPTION
The SC9200 are DTMF generators for
µC interfaces. They are controlled by a µC in the serial mode.
1. Serial mode (SC9200)
The SC9200 employ a data input, a 5-bit code, and a synchronous clock to transmit a DTMF signal. The
relationship between the digital codes and the tone output frequency is shown in Table 1 as for the control timing
diagram, refer to Figure 1.
Table 1: Digits vs. input data vs. tone output frequency (serial mode)
Digit
D4
D3
D2
D1
D0
Tone Output Frequency (Hz)
1
0
0
0
0
1
697+1209
2
0
0
0
1
0
697+1336
3
0
0
0
1
1
697+1477
4
0
0
1
0
0
770+1209
5
0
0
1
0
1
770+1336
6
0
0
1
1
0
770+1477
7
0
0
1
1
1
852+1209
8
0
1
0
0
0
852+1336
9
0
1
0
0
1
852+1477
0
0
1
0
1
0
941+1336
*
0
1
0
1
1
941+1209
#
0
1
1
0
0
941+1477
A
0
1
1
0
1
697+1633
B
0
1
1
1
0
770+1633
C
0
1
1
1
1
852+1633
D
0
0
0
0
0
941+1633
--
1
0
0
0
0
697
--
1
0
0
0
1
770
--
1
0
0
1
0
852
--
1
0
0
1
1
941
--
1
0
1
0
0
1209
--
1
0
1
0
1
1336
--
1
0
1
1
0
1477
--
1
0
1
1
1
1633
DTMF OFF
1
1
1
1
1
--
*Notes: The codes not listed in Table 1 are not used D4 is MSB.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com