Electronic Components Datasheet Search
  English  ▼

X  

SC9200AS Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9200AS
Description  DTMF GENERATOR WITH MICROPROCESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9200AS Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9200AS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9200AS Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SC9200
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.08.03
Http: www.silan.com.cn
Page 5 of 10
Figure 1
2. Parallel mode (SC9200B/BS)
The SC9200B/BS provides four data inputs D0~D3 to generate their corresponding DTMF signals. The
/P
S
has to be connected high to select the parallel operation mode. Then the input data codes should be
determined. Finally, the CE is connected low to transmit the DTMF signal from the DTMF pin.
The TDE time (about 6ms) will be delayed from the CE falling edge to the DTMF signal output.
The relationship between the digital codes and the tone output frequency is illustrated in Table 2. As for the
control timing diagram, see Fiigure 2.
When the system is operating in the parallel mode, D0~D3 are all in the floating state. Thus, these data
input pins should not float.
Table 2: Digits vs. input data vs. tone output frequency (parallel mode)
Digit
D3
D2
D1
D0
Tone Output Frequency
1
0
0
0
1
697+1209
2
0
0
1
0
697+1336
3
0
0
1
1
697+1477
4
0
1
0
0
770+1209
5
0
1
0
1
770+1336
6
0
1
1
0
770+1477
7
0
1
1
1
852+1209
8
1
0
0
0
852+1336
9
1
0
0
1
852+1477
0
1
0
1
0
941+1336
*
1
0
1
1
941+1209
#
1
1
0
0
941+1477
A
1
1
0
1
697+1633
B
1
1
1
0
770+1633
C
1
1
1
1
852+1633
D
0
0
0
0
941+1633



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com