Electronic Components Datasheet Search
  English  ▼

X  

SPX5205 Datasheet(PDF) 2 Page - Exar Corporation

Part # SPX5205
Description  150mA, LOW-NOISE LDO VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX5205 Datasheet(HTML) 2 Page - Exar Corporation

  SPX5205 Datasheet HTML 1Page - Exar Corporation SPX5205 Datasheet HTML 2Page - Exar Corporation SPX5205 Datasheet HTML 3Page - Exar Corporation SPX5205 Datasheet HTML 4Page - Exar Corporation SPX5205 Datasheet HTML 5Page - Exar Corporation SPX5205 Datasheet HTML 6Page - Exar Corporation SPX5205 Datasheet HTML 7Page - Exar Corporation SPX5205 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPX5205
2
150mA, Low-Noise LDO Voltage Regulator
REV. H
Thermal Shutdown .................................................................... Internally Limited
Lead Temperature (Soldering, 5 seconds) ................................................. 260
°C
Operating Junction Temperature Range .................................... -40
°C to +125°C
ELECTRICAL CHARACTERISTICS
TJ=25
°C, VIN = VOUT + 1V, IL = 100μA, CL = 1μF, and VENABLE 2.4V. The
denotes the specifications which
apply over full temperature range -40
°C to +85°C, unless otherwise specified.
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Output Voltage Tolerance (VOUT)
-1
+1
%VNOM
-2
+2
Line Regulation
0.03
0.1
%/V
0.2
Load Regulation
0.1
0.2
%
0.5
IL = 1mA to 150mA
Dropout Voltage (See Note 2)
30
50
mV
IL = 100
μA
(VIN - VO)
70
140
190
mV
IL = 50mA
230
180
250
mV
IL = 100mA
300
210
275
mV
IL = 150mA
350
Quiescent Current (IGND)
0.05
1
μA
VENABLE
0.4V
5
VENABLE
0.25V
Ground Pin Current
70
125
μA
IL = 100
μA
(IGND)
150
350
600
IL = 50mA
800
750
1000
IL = 100mA
1500
1300
1900
IL = 150mA
2500
Ripple Rejection (PSRR)
70
dB
Current Limit (ILIMIT)
360
500
mA
VOUT = 0V
Output Noise (eNO)
300
μVRMS
IL = 10mA, CL = 1
μF, CIN= 1μF
(10Hz - 100kHz.)
40
μVRMS
IL = 10mA, CL = 10
μF, CBYP =
1
μF,CIN=1μF,(10Hz - 100kHz)
Input Voltage Level Logic Low (VIL)
0.4
V
OFF
Input Voltage Level Logic High (VIL)
2.0
ON
Input Supply Voltage ......................................... -20V to +20V
Enable Input Voltage ......................................... -20V to +20V
Input voltage ..................................................................................... +2.5V to 16V
Operating Junction Temperature Range .................................... -40
°C to +125°C
Enable Input Voltage .............................................................................. 0V to VIN
SOT-23-5 ( JA) ................................................................................... See Note 1
RECOMMENDED OPERATING CONDITIONS
Note 1: The maximum allowable power dissipation is a function of maximum operating junction temperature, TJ (max), the junction to ambient thermal
resistance, and the ambient, JA, and the ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is
given: PD (max) = (TJ (max) - TA)/ JA, exceeding the maximum allowable power limit will result in excessive die temperature; thus, the
regulator will go into thermal shutdown. The JA of the SPX5205 is 220
°C/W mounted on a PC board.
Note 2: Not applicable to output voltages of less than 2V.
ABSOLUTE MAXIMUM RATINGS
ENABLE Input Current
0.01
2
μA
V
IL
0.4V
3
20
V
IH
2.0V
Output Voltage Temperature Coefficient
57
ppm/
°C
VIN = VOUT + 1V
≥ 2.5V
1.0
IL = 100uA to 1mA
VIN = VOUT +1 to 16V and VEN
≤ 6V
VIN = VEN =VOUT +1
≤ 8V
0.2
%/V
VIN = VEN =VOUT +1 to 16V
Ta = 25°C to 85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com