Electronic Components Datasheet Search
  English  ▼

X  

SPX5205 Datasheet(PDF) 4 Page - Exar Corporation

Part # SPX5205
Description  150mA, LOW-NOISE LDO VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX5205 Datasheet(HTML) 4 Page - Exar Corporation

  SPX5205 Datasheet HTML 1Page - Exar Corporation SPX5205 Datasheet HTML 2Page - Exar Corporation SPX5205 Datasheet HTML 3Page - Exar Corporation SPX5205 Datasheet HTML 4Page - Exar Corporation SPX5205 Datasheet HTML 5Page - Exar Corporation SPX5205 Datasheet HTML 6Page - Exar Corporation SPX5205 Datasheet HTML 7Page - Exar Corporation SPX5205 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SPX5205
4
150mA, Low-Noise LDO Voltage Regulator
REV. H
Dropout Voltage vs Load Current
Output Voltage vs Load Current
Ground Current vs Temperature at I
LOAD =100μA
Ground Current vs Temperature at I
LOAD =100mA
200
150
100
50
0
0
50
100
150
IL (mA)
VO=3.3V
VIN= 3.2V
CL = 1.0μF
3.310
3.308
3.306
3.304
3.302
3.300
0
50
100
150
IL (mA)
3.3V Device
VIN= 4.3V
CL = 1.0μF
90.0
80.0
70.0
60.0
50.0
-40
-20
0
20
40
60
80
100 120
Temperature (
°C)
VOUT= 3.3V
VIN= 4.3V
CL= 1.0μF
IL = 100μA
950
850
750
650
550
450
-40
-20
0
20
40
60
80
100 120
Temperature (
°C)
VOUT = 3.3V
VIN = 4.3V
CL= 1.0μF
IL = 100mA
TYPICAL PERFORMANCE CHARACTERISTICS
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com