Electronic Components Datasheet Search
  English  ▼

X  

SPX5205 Datasheet(PDF) 8 Page - Exar Corporation

Part # SPX5205
Description  150mA, LOW-NOISE LDO VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX5205 Datasheet(HTML) 8 Page - Exar Corporation

  SPX5205 Datasheet HTML 1Page - Exar Corporation SPX5205 Datasheet HTML 2Page - Exar Corporation SPX5205 Datasheet HTML 3Page - Exar Corporation SPX5205 Datasheet HTML 4Page - Exar Corporation SPX5205 Datasheet HTML 5Page - Exar Corporation SPX5205 Datasheet HTML 6Page - Exar Corporation SPX5205 Datasheet HTML 7Page - Exar Corporation SPX5205 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SPX5205
8
150mA, Low-Noise LDO Voltage Regulator
REV. H
ORDERING INFORMATION
PART NUMBER
TOP MARK
ACC.
OUTPUT VOLTAGE
PACKAGE
SPX5205M5-L.............. H1WW ................. 1% ...................... Adj ................... 5 Pin SOT-23
SPX5205M5-L/TR ........ H1WW ................. 1% ...................... Adj ................... 5 Pin SOT-23
SPX5205M5-L-1-2 ......... R12 ................... 1% ..................... 1.2V .................. 5 Pin SOT-23
SPX5205M5-L-1-2/TR .... R12 ................... 1% ..................... 1.2V .................. 5 Pin SOT-23
SPX5205M5-L-1-5 ......... R15 ................... 1% ..................... 1.5V .................. 5 Pin SOT-23
SPX5205M5-L-1-5/TR .... R15 ................... 1% ..................... 1.5V .................. 5 Pin SOT-23
SPX5205M5-L-1-8 ......... R18 ................... 1% ..................... 1.8V .................. 5 Pin SOT-23
SPX5205M5-L-1-8/TR .... R18 ................... 1% ..................... 1.8V .................. 5 Pin SOT-23
SPX5205M5-L-2-0 ......... R20 ................... 1% ..................... 2.0V .................. 5 Pin SOT-23
SPX5205M5-L-2-0/TR .... R20 ................... 1% ..................... 2.0V .................. 5 Pin SOT-23
SPX5205M5-L-2-5 ......... R25 ................... 1% ..................... 2.5V .................. 5 Pin SOT-23
SPX5205M5-L-2-5/TR .... R25 ................... 1% ..................... 2.5V .................. 5 Pin SOT-23
SPX5205M5-L-2-8 ......... R28 ................... 1%......................2.8V................... 5 Pin SOT-23
SPX5205M5-L-2-8/TR .... R28 ................... 1%......................2.8V................... 5 Pin SOT-23
SPX5205M5-L-3-0...........R30.....................1% .....................3.0V................... 5 PIN SOT-23
SPX5205M5-L-3-0/TR.....R30.....................1% .....................3.0V................... 5 PIN SOT-23
SPX5205M5-L-3-3 ......... R33 ................... 1% ..................... 3.3V .................. 5 Pin SOT-23
SPX5205M5-L-3-3/TR .... R33 ................... 1% ..................... 3.3V .................. 5 Pin SOT-23
SPX5205M5-L-5-0 ......... R50 ................... 1% ..................... 5.0V .................. 5 Pin SOT-23
SPX5205M5-L-5-0/TR .... R50 ................... 1% ..................... 5.0V .................. 5 Pin SOT-23
All Packaging is lead free. A bar is added to indicate lead-free parts and can be mistaken as a “1” or an “I”.
/TR = Tape and Reel.
Pack quantity is 2,500 for 5pin SOT-23
For further assistance:
Email:
customersupport@exar.com
EXAR Technical Documentation:
http://www.exar.com/TechDoc/default.aspx?
Exar Corporation
Headquarters and
Sales Office
48720 Kato Road
Fremont, CA 94538
main: 510-668-7000
fax: 510-668-7030
EXAR Corporation reserves the right to make changes to the products contained in this publication in
order to improve design, performance or reliability. EXAR Corporation assumes no responsibility for the
use of any circuits described herein, conveys no license under any patent or other right, and makes no
representation that the circuits are free of patent infringement. Charts and schedules contained here in
are only for illustration purposes and may vary depending upon a user’s specific application. While the
information in this publication has been carefully checked; no responsibility, however, is assumed for
inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where
the failure or malfunction of the product can reasonably be expected to cause failure of the life support
system or to significantly affect its safety or effectiveness. Products are not authorized for use in such
applications unless EXAR Corporation receives, in writing, assurances to its satisfaction that: (a) the risk
of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of
EXAR Corporation is adequately protected under the circumstances.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com