Electronic Components Datasheet Search
  English  ▼

X  

SN8F2255B Datasheet(PDF) 82 Page - SONiX Technology Company

Part # SN8F2255B
Description  8-Bit Micro-Controller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F2255B Datasheet(HTML) 82 Page - SONiX Technology Company

Back Button SN8F2255B Datasheet HTML 78Page - SONiX Technology Company SN8F2255B Datasheet HTML 79Page - SONiX Technology Company SN8F2255B Datasheet HTML 80Page - SONiX Technology Company SN8F2255B Datasheet HTML 81Page - SONiX Technology Company SN8F2255B Datasheet HTML 82Page - SONiX Technology Company SN8F2255B Datasheet HTML 83Page - SONiX Technology Company SN8F2255B Datasheet HTML 84Page - SONiX Technology Company SN8F2255B Datasheet HTML 85Page - SONiX Technology Company SN8F2255B Datasheet HTML 86Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 133 page
background image
SN8F2250B Series
USB 2.0 Full-Speed 8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 82
Version 1.1
8.4 TIMER/COUNTER 0 (TC0)
8.4.1 OVERVIEW
The TC0 is an 8-bit binary up counting timer with double buffers. TC0 has two clock sources including internal clock
and external clock for counting a precision time. The internal clock source is from Fcpu. The external clock is INT0 from
P0.0 pin (Falling edge trigger). Using TC0M register selects TC0C’s clock source from internal or external. If TC0 timer
occurs an overflow, it will continue counting and issue a time-out signal to trigger TC0 interrupt to request interrupt
service. TC0 overflow time is 0xFF to 0X00 normally. Under PWM mode, TC0 overflow is decided by PWM cycle
controlled by ALOAD0 and TC0OUT bits.
The main purposes of the TC0 timer is as following.
8-bit programmable up counting timer: Generates interrupts at specific time intervals based on the selected
clock frequency.
External event counter: Counts system “events” based on falling edge detection of external clock signals at the
INT0 input pin.
Buzzer output
PWM output
Fcpu
TC0 Rate
(Fcpu/2~Fcpu/256)
INT0
(Schmitter Trigger)
TC0CKS
TC0ENB
CPUM0,1
TC0C
8-Bit Binary Up
Counting Counter
TC0R Reload
Data Buffer
Up Counting
Reload Value
TC0 Time Out
Compare
ALOAD0
R
S
TC0 Time Out
Auto. Reload
TC0 / 2
Buzzer
Internal P5.4 I/O Circuit
P5.4
PWM
PWM0OUT
TC0OUT
ALOAD0, TC0OUT
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com