Electronic Components Datasheet Search
  English  ▼

X  

SN8F2255B Datasheet(PDF) 39 Page - SONiX Technology Company

Part # SN8F2255B
Description  8-Bit Micro-Controller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F2255B Datasheet(HTML) 39 Page - SONiX Technology Company

Back Button SN8F2255B Datasheet HTML 35Page - SONiX Technology Company SN8F2255B Datasheet HTML 36Page - SONiX Technology Company SN8F2255B Datasheet HTML 37Page - SONiX Technology Company SN8F2255B Datasheet HTML 38Page - SONiX Technology Company SN8F2255B Datasheet HTML 39Page - SONiX Technology Company SN8F2255B Datasheet HTML 40Page - SONiX Technology Company SN8F2255B Datasheet HTML 41Page - SONiX Technology Company SN8F2255B Datasheet HTML 42Page - SONiX Technology Company SN8F2255B Datasheet HTML 43Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
SN8F2250B Series
USB 2.0 Full-Speed 8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 39
Version 1.1
3.2 POWER ON RESET
The power on reset depend no LVD operation for most power-up situations. The power supplying to system is a rising
curve and needs some time to achieve the normal voltage. Power on reset sequence is as following.
Power-up: System detects the power voltage up and waits for power stable.
External reset (only external reset pin enable): System checks external reset pin status. If external reset pin is
not high level, the system keeps reset status and waits external reset pin released.
System initialization: All system registers is set as initial conditions and system is ready.
Oscillator warm up: Oscillator operation is successfully and supply to system clock.
Program executing: Power on sequence is finished and program executes from ORG 0.
3.3 WATCHDOG RESET
Watchdog reset is a system protection. In normal condition, system works well and clears watchdog timer by program.
Under error condition, system is in unknown situation and watchdog can’t be clear by program before watchdog timer
overflow. Watchdog timer overflow occurs and the system is reset. After watchdog reset, the system restarts and
returns normal mode. Watchdog reset sequence is as following.
Watchdog timer status: System checks watchdog timer overflow status. If watchdog timer overflow occurs, the
system is reset.
System initialization: All system registers is set as initial conditions and system is ready.
Oscillator warm up: Oscillator operation is successfully and supply to system clock.
Program executing: Power on sequence is finished and program executes from ORG 0.
Watchdog timer application note is as following.
Before clearing watchdog timer, check I/O status and check RAM contents can improve system error.
Don’t clear watchdog timer in interrupt vector and interrupt service routine. That can improve main routine fail.
Clearing watchdog timer program is only at one part of the program. This way is the best structure to enhance the
watchdog timer function.
Note: Please refer to the “WATCHDOG TIMER” about watchdog timer detail information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com