Electronic Components Datasheet Search
  English  ▼

X  

SN8F2255B Datasheet(PDF) 46 Page - SONiX Technology Company

Part # SN8F2255B
Description  8-Bit Micro-Controller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F2255B Datasheet(HTML) 46 Page - SONiX Technology Company

Back Button SN8F2255B Datasheet HTML 42Page - SONiX Technology Company SN8F2255B Datasheet HTML 43Page - SONiX Technology Company SN8F2255B Datasheet HTML 44Page - SONiX Technology Company SN8F2255B Datasheet HTML 45Page - SONiX Technology Company SN8F2255B Datasheet HTML 46Page - SONiX Technology Company SN8F2255B Datasheet HTML 47Page - SONiX Technology Company SN8F2255B Datasheet HTML 48Page - SONiX Technology Company SN8F2255B Datasheet HTML 49Page - SONiX Technology Company SN8F2255B Datasheet HTML 50Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 133 page
background image
SN8F2250B Series
USB 2.0 Full-Speed 8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 46
Version 1.1
4 SYSTEM CLOCK
4.1 OVERVIEW
The micro-controller is a dual clock system. There are high-speed clock and low-speed clock. The high-speed clock is
generated from the external oscillator & on-chip PLL circuit. The low-speed clock is generated from on-chip low-speed
RC oscillator circuit (ILRC 24 KHz).
Both the high-speed clock and the low-speed clock can be system clock (Fosc). The system clock in slow mode is
divided by 4 to be the instruction cycle (Fcpu).
Normal Mode (High Clock):
Fcpu = Fhosc / N, N = 1 ~ 4, Select N by Fcpu code option.
Slow Mode (Low Clock):
Fcpu = Flosc/4.
SONIX provides a “Noise Filter” controlled by code option. In high noisy situation, the noise filter can isolate noise
outside and protect system works well. The minimum Fcpu of high clock is limited at Fhosc/4 when noise filter enable.
4.2 CLOCK BLOCK DIAGRAM
Fhosc.
Fcpu = Fhosc/1 ~ Fhosc/4, Noise Filter Disable.
Fcpu = Fhosc/4, Noise Filter Enable.
Flosc.
Fcpu = Flosc/4
CPUM[1:0]
XIN
XOUT
STPHX
HOSC
Fcpu Code Option
Fosc
Fosc
CLKMD
Fcpu
HOSC: High_Clk code option.
Fhosc: External high-speed clock.
Flosc: Internal low-speed RC clock (Typical 24 KHz).
Fosc: System clock source.
Fcpu: Instruction cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com